Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5632MMLQ60 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC5632MMLQ60
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5632MMLQ60 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC5632MMLQ60 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5632MMLQ60 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5632MMLQ60 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5632MMLQ60 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5632MMLQ60 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5632MMLQ60 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5632MMLQ60 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5632MMLQ60 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5632MMLQ60 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
13
— Memory management unit (MMU) with 16-entry fully-associative translation look-aside buffer (TLB)
— Separate instruction bus and load/store bus
— Vectored interrupt support
— Interrupt latency < 120 ns @ 80 MHz (measured from interrupt request to execution of first instruction of interrupt
exception handler)
— Non-maskable interrupt (NMI) input for handling external events that must produce an immediate response, e.g.,
power down detection. On this device, the NMI input is connected to the Critical Interrupt Input. (May not be
recoverable)
— Critical Interrupt input. For external interrupt sources that are higher priority than provided by the Interrupt
Controller. (Always recoverable)
— New ‘Wait for Interrupt’ instruction, to be used with new low power modes
— Reservation instructions for implementing read-modify-write accesses
— Signal processing extension (SPE) APU
– Operating on all 32 GPRs that are all extended to 64 bits wide
– Provides a full compliment of vector and scalar integer and floating point arithmetic operations (including
integer vector MAC and MUL operations) (SIMD)
– Provides rich array of extended 64-bit loads and stores to/from extended GPRs
– Fully code compatible with e200z6 core
— Floating point
– IEEE 754 compatible with software wrapper
– Scalar single precision in hardware, double precision with software library
– Conversion instructions between single precision floating point and fixed point
– Fully code compatible with e200z6 core
— Long cycle time instructions, except for guarded loads, do not increase interrupt latency
— Extensive system development support through Nexus debug port
•
Advanced microcontroller bus architecture (AMBA) crossbar switch (XBAR)
— Three master ports, four slave ports
– Masters: CPU Instruction bus; CPU Load/store bus (Nexus); eDMA
– Slave: Flash; SRAM; Peripheral Bridge; calibration EBI
— 32-bit internal address bus, 64-bit internal data bus
•
Enhanced direct memory access (eDMA) controller
— 32 channels support independent 8-bit, 16-bit, or 32-bit single value or block transfers
— Supports variable sized queues and circular queues
— Source and destination address registers are independently configured to post-increment or remain constant
— Each transfer is initiated by a peripheral, CPU, or eDMA channel request
— Each eDMA channel can optionally send an interrupt request to the CPU on completion of a single value or block
transfer
•
Interrupt controller (INTC)
— 191 peripheral interrupt request sources
— 8 software settable interrupt request sources
— 9-bit vector
– Unique vector for each interrupt request source
– Provided by hardware connection to processor or read from register
— Each interrupt source can be programmed to one of 16 priorities
— Preemption
– Preemptive prioritized interrupt requests to processor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com