Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5632MMLQ40 Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # MPC5632MMLQ40
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5632MMLQ40 Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button MPC5632MMLQ40 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5632MMLQ40 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5632MMLQ40 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5632MMLQ40 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5632MMLQ40 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5632MMLQ40 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5632MMLQ40 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5632MMLQ40 Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5632MMLQ40 Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
83
CL
CC
D Load capacitance (fast
I/O)27
DSC(PCR[8:9
]) = 0b00
—
—
10
pF
D
DSC(PCR[8:9
]) = 0b01
——
20
D
DSC(PCR[8:9
]) = 0b10
——
30
D
DSC(PCR[8:9
]) = 0b11
——
50
CIN
CC
D Input capacitance
(digital pins)
——
—
7
pF
CIN_A
CC
D Input capacitance
(analog pins)
——
—
10
pF
CIN_M
CC
D Input capacitance
(digital and analog
pins28)
——
—
12
pF
RPUPD200K
CC
P Weak Pull-Up/Down
Resistance29,30
200 k
 Option
—
130
—
280
k
RPUPDMATCH
CC
C 200K
 Option
–2.5
2.5
%
RPUPD100K
CC
P Weak Pull-Up/Down
Resistance29,30
100 k
 Option
—
65
—
140
k
RPUPDMATCH
CC
C 100K
 Option
–2.5
2.5
%
RPUPD5K
CC
D Weak Pull-Up/Down
Resistance29
5k
 Option
5V± 5%
supply
1.4
—
7.5
k
TA (TL to TH)
SR
— Operating temperature
range - ambient
(packaged)
—
–40.0
—
125.0
C
—
SR
— Slew rate on power
supply pins
——
—
50
V/ms
1 These specifications are design targets and subject to change per device characterization.
2 TBD: To Be Defined.
3 V
DDE must be lower than VRC33, otherwise there is additional leakage on pins supplied by VDDE.
4 These specifications apply when V
RC33 is supplied externally, after disabling the internal regulator (VDDREG = 0).
5 ADC is functional with 4 V
 V
DDA  4.75 V but with derated accuracy. This means the ADC will continue to function
at full speed with no bad behavior, but the accuracy will be degraded.
6 Internal structures hold the input voltage less than V
DDA + 1.0 V on all pads powered by VDDA supplies, if the
maximum injection current specification is met (3 mA for all pins) and VDDA is within the operating voltage
specifications.
7 The V
DDF supply is connected to VDD in the package substrate. This specification applies to calibration package
devices only.
Table 19. DC electrical specifications1 (continued)
Symbol
C
Parameter
Conditions
Value2
Unit
min
typ
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com