Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS972I Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS972I
Description  OUTPUT RAIL TO RAIL VERY LOWNOISE OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS972I Datasheet(HTML) 1 Page - STMicroelectronics

  TS972I Datasheet HTML 1Page - STMicroelectronics TS972I Datasheet HTML 2Page - STMicroelectronics TS972I Datasheet HTML 3Page - STMicroelectronics TS972I Datasheet HTML 4Page - STMicroelectronics TS972I Datasheet HTML 5Page - STMicroelectronics TS972I Datasheet HTML 6Page - STMicroelectronics TS972I Datasheet HTML 7Page - STMicroelectronics TS972I Datasheet HTML 8Page - STMicroelectronics TS972I Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TS971
TS972
TS974
OUTPUT RAIL TO RAIL
VERY LOW NOISE OPERATIONAL AMPLIFIERS
August 1999
.
RAIL TO RAIL OUTPUT VOLTAGE SWING
(
±2.4V @ VCC = ±2.5V)
.
VERY LOW NOISE LEVEL : 4nV/
√√

Hz
.
ULTRA LOW DISTORTION : 0.003%
.
HIGH DYNAMIC FEATURES (12MHz, 4V/
µs)
.
OPERATING RANGE : 2.7V to 12V
.
ESD PROTECTION (2kV)
.
LATCH-UP IMMUNITY
.
AVAILABLE IN SOT23-5 MICROPACKAGE
®
DESCRIPTION
The TS97x family operational amplifiers is able to
operate with voltages as low as
±1.35V and featur-
ing output Rail to Rail signal swing. The TS97x
boasts characteristics that make them particularly
well suited for portable and battery-supplied equip-
ment. Very low noise and low distortion charac-
t e r is t i c s
m ak e
t hem
i deal
f o r
a ud i o
pre-amplification.
The TS971 is housed in the space-saving 5 pins
SOT23 package which simplifies the board design
because of the ability to be placed everywhere
(outside dimensions are 2.8mm x 2.9mm)
APPLICATIONS
.
Portable equipments (CD players, PDA)
.
Portable communications (cell phones, pagers)
.
Instrumentation & sensoring
.
Professional audio circuits
PIN CONNECTIONS (top view)
ORDER CODES
Part
Number
Temperature
Range
Package
SOT23
Marking
NDP
L
TS971I
-40, +125
oC
••
K120
TS972I
-40, +125
oC
•••
TS974I
-40, +125
oC
•••
1
2
3
4
5
6
7
8
-
+
Inve rting Inpu t 1
N.C .
No n-inve rting Inpu t 1
VDD
VCC
Output 2
N.C.
N.C.
TS971ID
1
2
3
45
6
7
8
-
+
-
+
Inve rting Inp u t 1
Ou tpu t 1
Non -inve rting Inp u t 1
VDD
VCC
Output 2
Inve rting In put 2
Non-inve rting Inp ut 2
TS972IN-TS972ID-TS972IPT
1
2
3
4
5
Inve rting input
Non-inverting input
Output
VDD
VCC
TS971ILT
N = Dual in Line Package (DIP)
D = Small Outline Package (SO) - also available in Tape & Reel
P = Thin Shrink Small Outline Package (TSSOP) - only available
in Tape & Reel (PT)
L = Tiny Package (SOT23-5) - only available in Tape & Reel (LT)
In ver ting Inp ut 2
Non-inve rting In put 2
Non-inv ert ing Inp ut 1
DD
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
CC
V
Output 3
Output 4
Non-in ver ting Inp ut 4
In ver ting Inp ut 4
Non-in ver ting Inp ut 3
In ver ting Inp ut 3
-
+
-
+
-
+
-
+
Output 1
Inve rting Inp ut 1
Output 2
TS974IN-TS974ID-TS974IPT
1/12


Similar Part No. - TS972I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS972ID STMICROELECTRONICS-TS972ID Datasheet
473Kb / 17P
Output rail-to-rail very low noise operational amplifier
20-Dec-2007
TS972IDT STMICROELECTRONICS-TS972IDT Datasheet
473Kb / 17P
Output rail-to-rail very low noise operational amplifier
20-Dec-2007
TS972IN STMICROELECTRONICS-TS972IN Datasheet
473Kb / 17P
Output rail-to-rail very low noise operational amplifier
20-Dec-2007
TS972IPT STMICROELECTRONICS-TS972IPT Datasheet
473Kb / 17P
Output rail-to-rail very low noise operational amplifier
20-Dec-2007
TS972IQT STMICROELECTRONICS-TS972IQT Datasheet
473Kb / 17P
Output rail-to-rail very low noise operational amplifier
20-Dec-2007
More results

Similar Description - TS972I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL971 TI-TL971 Datasheet
316Kb / 13P
OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI-TL971_07 Datasheet
375Kb / 15P
OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
Output Rail-to-Rail Operational Amplifiers
Mar-2005
logo
Texas Instruments
TL971-Q1 TI1-TL971-Q1 Datasheet
419Kb / 15P
RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL972IPE4 TI-TL972IPE4 Datasheet
1Mb / 25P
OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971-Q1 TI-TL971-Q1_15 Datasheet
1Mb / 20P
RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
LPV321 TI1-LPV321_13 Datasheet
1Mb / 30P
Rail-to-Rail Output Operational Amplifiers
TL971 TI1-TL971 Datasheet
1Mb / 33P
Output Rail-To-Rail Very-Low-Noise Operational Amplifiers
TL971-Q1 TI1-TL971-Q1_16 Datasheet
1Mb / 20P
RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com