Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2CC910SC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY2CC910SC
Description  1:10 Clock Fanout Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2CC910SC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY2CC910SC Datasheet HTML 3Page - Cypress Semiconductor CY2CC910SC Datasheet HTML 4Page - Cypress Semiconductor CY2CC910SC Datasheet HTML 5Page - Cypress Semiconductor CY2CC910SC Datasheet HTML 6Page - Cypress Semiconductor CY2CC910SC Datasheet HTML 7Page - Cypress Semiconductor CY2CC910SC Datasheet HTML 8Page - Cypress Semiconductor CY2CC910SC Datasheet HTML 9Page - Cypress Semiconductor CY2CC910SC Datasheet HTML 10Page - Cypress Semiconductor CY2CC910SC Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CY2CC910
Document #: 38-07348 Rev. *C
Page 8 of 11
Figure 12. Package Skew - tsk(t)
Ordering Information
Part Number
Package Type
Product Flow
Status
CY2CC910SI
20-pin SOIC
Industrial, –40
° to 85°C
Obsolete
CY2CC910SIT
20-pin SOIC–Tape and Reel
Industrial, –40
° to 85°C
Obsolete
CY2CC910SC
20-pin SOIC
Commercial, 0
°C to 70°C
Obsolete
CY2CC910SCT
20-pin SOIC–Tape and Reel
Commercial, 0
°C to 70°C
Obsolete
CY2CC910OI
20-pin SSOP
Industrial, –40
° to 85°C
Obsolete
CY2CC910OIT
20-pin SSOP–Tape and Reel
Industrial, –40
° to 85°C
Obsolete
CY2CC910OC
20-pin SSOP
Commercial, 0
°C to 70°C
Obsolete
CY2CC910OCT
20-pin SSOP–Tape and Reel
Commercial, 0
°C to 70°C
Obsolete
Pb-free
CY2CC910OXI
20-pin SSOP
Industrial, –40
° to 85°CActive
CY2CC910OXIT
20-pin SSOP–Tape and Reel
Industrial, –40
° to 85°CActive
CY2CC910OXC
20-pin SSOP
Commercial, 0
°C to 70°CActive
CY2CC910OXCT
20-pin SSOP–Tape and Reel
Commercial, 0
°C to 70°CActive
INPUT
PACKAGE 1 OUTPUT
t
PLH1
t
PHL1
tsk
(t) = l tPLH2 - tPLH1 l or tPHL2 - tPHL1 l
3V
1.5V
0V
VOH
1.5V
VOL
PACKAGE 2 OUTPUT
VOH
1.5V
VOL
tsk
(t)
tsk
(t)
t
PLH 2
t
PLH 2
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com