Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8641 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MPC8641
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8641 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPC8641 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8641 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8641 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8641 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8641 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8641 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8641 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8641 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8641 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 140 page
background image
MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
21
DDR and DDR2 SDRAM
Table 15 provides the recommended operating conditions for the DDR SDRAM component(s) when
Dn_GVDD(typ) = 2.5 V.
Table 16 provides the DDR capacitance when Dn_GV
DD (typ)=2.5 V.
Table 17 provides the current draw characteristics for MVREF.
Table 15. DDR SDRAM DC Electrical Characteristics for D
n_GVDD (typ) = 2.5 V
Parameter/Condition
Symbol
Min
Max
Unit
Notes
I/O supply voltage
D
n_GVDD
2.375
2.625
V
1
I/O reference voltage
D
n_MVREF
0.49
× Dn_GVDD
0.51
× Dn_GVDD
V2
I/O termination voltage
VTT
D
n_MVREF – 0.04
D
n_MVREF + 0.04
V
3
Input high voltage
VIH
D
n_MVREF + 0.15
D
n_GVDD + 0.3
V
Input low voltage
VIL
–0.3
D
n_MVREF– 0.15
V
Output leakage current
IOZ
–50
50
μA4
Output high current (VOUT = 1.95 V)
IOH
–16.2
—
mA
Output low current (VOUT = 0.35 V)
IOL
16.2
—
mA
Notes:
1. D
n_GVDD is expected to be within 50 mV of the DRAM Dn_GVDD at all times.
2. MVREF is expected to be equal to 0.5 × Dn_GVDD, and to track Dn_GVDD DC variations as measured at the receiver.
Peak-to-peak noise on D
n_MVREF may not exceed ±2% of the DC value.
3. VTT is not applied directly to the device. It is the supply to which far end signal termination is made and is expected to be
equal to D
n_MVREF. This rail should track variations in the DC level of Dn_MVREF.
4. Output leakage is measured with all outputs disabled, 0 V
≤ VOUT ≤ Dn_GVDD.
Table 16. DDR SDRAM Capacitance for D
n_GVDD (typ) = 2.5 V
Parameter/Condition
Symbol
Min
Max
Unit
Notes
Input/output capacitance: DQ, DQS
CIO
68
pF
1
Delta input/output capacitance: DQ, DQS
CDIO
—0.5
pF
1
Note:
1. This parameter is sampled. D
n_GVDD = 2.5 V ± 0.125 V, f = 1 MHz, TA = 25°C, VOUT = Dn_GVDD/2,
VOUT (peak-to-peak) = 0.2 V.
Table 17. Current Draw Characteristics for MVREF
Parameter / Condition
Symbol
Min
Max
Unit
Note
Current draw for MVREF
IMVREF
—500
μA1
1. The voltage regulator for MVREF must be able to supply up to 500 μA current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com