Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2CC910OXIT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY2CC910OXIT
Description  1:10 Clock Fanout Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2CC910OXIT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY2CC910OXIT Datasheet HTML 3Page - Cypress Semiconductor CY2CC910OXIT Datasheet HTML 4Page - Cypress Semiconductor CY2CC910OXIT Datasheet HTML 5Page - Cypress Semiconductor CY2CC910OXIT Datasheet HTML 6Page - Cypress Semiconductor CY2CC910OXIT Datasheet HTML 7Page - Cypress Semiconductor CY2CC910OXIT Datasheet HTML 8Page - Cypress Semiconductor CY2CC910OXIT Datasheet HTML 9Page - Cypress Semiconductor CY2CC910OXIT Datasheet HTML 10Page - Cypress Semiconductor CY2CC910OXIT Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CY2CC910
Document #: 38-07348 Rev. *C
Page 7 of 11
Parameter Measurement Information: VDD at 8V
Figure 7. Load Circuit [3,4,5]
Figure 8. Voltage Waveforms Propagation
Figure 9. Voltage Waveforms – Pulse Duration[4]
Figure 10. Pulse Skew - tsk(p)
Figure 11. Output Skew - tsk(0)
From Output
Under Test
C
L = 6 pF
500 ohm
0.9V
t
PLH
t
PHL
1.8V
V
OH
V
OL
0 V
Input
Output
0.9V
0.9V
0.9V
0 V
Input
t
w(20-80)
1.8V
0 V
0.9V
Input
t
w(50-50)
0.9V
0.9V
1.8V
INPUT
OUTPUT
t
PLH
t
PHL
tsk
(P) = l tPHL - tPLH l
3V
1.5V
0V
VOH
1.5V
VOL
Notes
3. CL includes probe and jig capacitance.
4. All input pulses are supplied by generators having the following characteristics: PRR < 100 MHz, Z0 = 50Ω, tR < 2.5 ns, tF < 2.5 ns.
5. The outputs are measured one at a time with one transition per measurement.
6. TPLH and TPHL are the same as tpd.
INPUT
OUTPUT 1
t
PLH1
t
PHL1
tsk
(P) =
l t
PLH2 - tPLH1 l or tPHL2 - tPHL1 l
3V
1.5V
0V
VOH
1.5V
VOL
OUTPUT 2
VOH
1.5V
VOL
tsk
(O)
tsk
(O)
t
PLH 2
t
PLH 2
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com