Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8313ECVRAFDA Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC8313ECVRAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313ECVRAFDA Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC8313ECVRAFDA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
Freescale Semiconductor
13
RESET Initialization
5
RESET Initialization
This section describes the DC and AC electrical specifications for the reset initialization timing and
electrical requirements of the MPC8313E.
5.1
RESET DC Electrical Characteristics
Table 9 provides the DC electrical characteristics for the RESET pins.
5.2
RESET AC Electrical Characteristics
Table 10 provides the reset initialization AC timing specifications.
Table 9. RESET Pins DC Electrical Characteristics
Characteristic
Symbol
Condition
Min
Max
Unit
Input high voltage
VIH
—2.1
NVDD +0.3
V
Input low voltage
VIL
—
–0.3
0.8
V
Input current
IIN
0 V
≤ VIN ≤ NVDD
—±5
μA
Output high voltage
VOH
IOH = –8.0 mA
2.4
—
V
Output low voltage
VOL
IOL = 8.0 mA
—
0.5
V
Output low voltage
VOL
IOL = 3.2 mA
—
0.4
V
Table 10. RESET Initialization Timing Specifications
Parameter/Condition
Min
Max
Unit
Notes
Required assertion time of HRESET or SRESET (input) to activate reset flow
32
—
tPCI_SYNC_IN
1
Required assertion time of PORESET with stable clock and power applied to
SYS_CLK_IN when the device is in PCI host mode
32
—
tSYS_CLK_IN
2
Required assertion time of PORESET with stable clock and power applied to
PCI_SYNC_IN when the device is in PCI agent mode
32
—
tPCI_SYNC_IN
1
HRESET assertion (output)
512
—
tPCI_SYNC_IN
1
Input setup time for POR configuration signals (CFG_RESET_SOURCE[0:3]
and CFG_SYS_CLK_IN_DIV) with respect to negation of PORESET when
the device is in PCI host mode
4—
tSYS_CLK_IN
2
Input setup time for POR configuration signals (CFG_RESET_SOURCE[0:2]
and CFG_CLKIN_DIV) with respect to negation of PORESET when the
device is in PCI agent mode
4—
tPCI_SYNC_IN
1
Input hold time for POR configuration signals with respect to negation of
HRESET
0—
ns
—
Time for the device to turn off POR configuration signal drivers with respect
to the assertion of HRESET
—4
ns
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com