Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8313ECZQGDDA Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # MPC8313ECZQGDDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313ECZQGDDA Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button MPC8313ECZQGDDA Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8313ECZQGDDA Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8313ECZQGDDA Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8313ECZQGDDA Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8313ECZQGDDA Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8313ECZQGDDA Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8313ECZQGDDA Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8313ECZQGDDA Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8313ECZQGDDA Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
94
Freescale Semiconductor
Document Revision History
23 Document Revision History
Table 73 provides a revision history for this hardware specification.
Table 73. Document Revision History
Rev.
Number
Date
Substantive Change(s)
2.1
12/2008
• Added Figure 2, after Table 2 and renumbered the following figures.
2
10/2008
• Added Note “The information in this document is accurate for revision 1.0, and 2.x and later. See
Section 24.1, “Part Numbers Fully Addressed by this Document,” before Section 1, “Overview.”
• Added part numbering details for all the silicon revisions in Table 74.
• Changed VIH from 2.7 V to 2.4 V in Table 7.
• Added a row for VIH level for Rev 2.x or later in Table 45.
• Added a column for maximum power dissipation in low power mode for Rev 2.x or later silicon in
Table 6.
• Added a column for Power Nos for Rev 2.x or later silicon and added a row for 400 MHz in Table 4.
• Removed footnote, “These are preliminary estimates.” from Table 4.
• Added Table 21 for DDR AC Specs on Rev 2.x or later silicon.
• Added Section 9, “High-Speed Serial Interfaces (HSSI).”
• Added LFWE, LFCLE, LFALE, LOE, LFRE, LFWP, LGTA, LUPWAIT, and LFRB in Table 63.
• In Table 39, added note 2: “This parameter is dependent on the csb_clk speed. (The MIIMCFG[Mgmt
Clock Select] field determines the clock frequency of the Mgmt Clock EC_MDC.)”
• Removed mentions of SGMII (SGMII has separate specs) from Section 8.1, “Enhanced
Three-Speed Ethernet Controller (eTSEC) (10/100/1000 Mbps)—MII/RMII/RGMII/SGMII/RTBI
Electrical Characteristics.”
• Corrected Section 8.1, “Enhanced Three-Speed Ethernet Controller (eTSEC)
(10/100/1000 Mbps)—MII/RMII/RGMII/SGMII/RTBI Electrical Characteristics,” to state that
RGMII/RTBI interfaces only operate at 2.5 V, not 3.3 V.
• Added ZQ package to ordering information In Table 74 and Section 19.1, “Package Parameters for
the MPC8313E TEPBGAII” (applicable to both silicon rev. 1.0 and 2.1)
• Removed footnotes 5 and 6 from Table 1 (left over when the PCI undershoot/overshoot voltages and
maximum AC waveforms were removed from Section 2.1.2, “Power Supply Voltage Specification”).
• Removed SD_PLL_TPD (T2) and SD_PLL_TPA_ANA (R4) from Table 63.
• Added Section 8.3, “SGMII Interface Electrical Characteristics.” Removed Section 8.5.3 SGMII DC
Electrical Characteristics.
• Removed “HRESET negation to SRESET negation (output)” spec and changed “HRESET/SRESET
assertion (output)” spec to “HRESET assertion (output)” in Table 10.
• Clarified POR configuration signal specs to “Time for the device to turn off POR configuration signal
drivers with respect to the assertion of HRESET” and “Time for the device to turn on POR
configuration signal drivers with respect to the negation of HRESET” in Table 10.
• Added Section 24.2, “Part Marking,” and Figure 62.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com