Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR03XQ Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPR03XQ
Description  Proximity Capacitive Touch Sensor Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR03XQ Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPR03XQ Datasheet HTML 10Page - Freescale Semiconductor, Inc MPR03XQ Datasheet HTML 11Page - Freescale Semiconductor, Inc MPR03XQ Datasheet HTML 12Page - Freescale Semiconductor, Inc MPR03XQ Datasheet HTML 13Page - Freescale Semiconductor, Inc MPR03XQ Datasheet HTML 14Page - Freescale Semiconductor, Inc MPR03XQ Datasheet HTML 15Page - Freescale Semiconductor, Inc MPR03XQ Datasheet HTML 16Page - Freescale Semiconductor, Inc MPR03XQ Datasheet HTML 17Page - Freescale Semiconductor, Inc MPR03XQ Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
MPR03X
Sensors
14
Freescale Semiconductor
Preliminary
5.4
Baseline Values
In addition to the second level filter data, the data from the baseline filter (or third level filter) is also displayed. In this case, the
least two significant bits are removed before the 10-bit value is displayed in the register.
5.4.1
Baseline Value Register
The Baseline Value register contains the third level filtered data on each of the electrodes. It is a truncated 10 bit A/D value
displayed in the 8 bit register. The address of the ELE0 Baseline Value register is 0x1A. The address of the ELE1 Baseline Value
register is 0x1B. The address of the ELE2 Baseline Value register is 0x1C.
Figure 20. Filtered Data High Register
7
6
543210
RBV
W
Reset:
0
0
000000
= Unimplemented
Table 9. Filtered Data High Register Field Descriptions
Field
Description
7:0
BV
Baseline Value – The Baseline Value byte displays the higher 8 bits of the 10 bit
baseline value.
00000000 Encoding 0 – The 10 bit baseline value is between 0 and 3.
~
11111111 Encoding 255 – The 10 bit baseline value is between 1020 and 1023.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com