Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR03XEP Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MPR03XEP
Description  Proximity Capacitive Touch Sensor Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR03XEP Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MPR03XEP Datasheet HTML 23Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 24Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 25Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 26Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 27Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 28Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 29Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 30Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
MPR03X
Sensors
Freescale Semiconductor
27
Preliminary
Appendix B Brief Register Descriptions
REGISTER
Abrv
Fields
REGISTER
ADDRESS
Initial Value
Touch Status Register
TS
OCF
E2S E1S E0S
0x00
0x00
ELE0 Filtered Data Low Register
E0FDL
E0FDLB
0x02
0x00
ELE0 Filtered Data High Register
E0FDH
E0FDHB
0x03
0x00
ELE1 Filtered Data Low Register
E1FDL
E1FDLB
0x04
0x00
ELE1 Filtered Data High Register
E1FDH
E1FDHB
0x05
0x00
ELE2 Filtered Data Low Register
E2FDL
E2FDLB
0x06
0x00
ELE2 Filtered Data High Register
D2FDH
E2FDHB
0x07
0x00
ELE0 Baseline Value Register
E0BV
E0BV
0x1A
0x00
ELE1 Baseline Value Register
E1BV
E1BV
0x1B
0x00
ELE2 Baseline Value Register
E2BV
E2BV
0x1C
0x00
Max Half Delta Register
MHD
MHD
0x26
0x00
Noise Half Delta Register
NHD
NHD
0x27
0x00
Noise Count Limit Register
NCL
NCL
0x28
0x00
ELE0 Touch Threshold Register
E0TTH
E0TTH
0x29
0x00
ELE0 Release Threshold Register
E0RTH
E0RTH
0x2A
0x00
ELE1 Touch Threshold Register
E1TTH
E1TTH
0x2B
0x00
ELE1 Release Threshold Register
E1RTH
E1RTH
0x2C
0x00
ELE2 Touch Threshold Register
E2TTH
E2TTH
0x2D
0x00
ELE2 Release Threshold Register
E2RTH
E2RTH
0x2E
0x00
AFE Configuration Register
AFEC
FFI
CDC
0x41
0x08
Filter Configuration Register
FC
CDT
SFI
ESI
0x43
0x04
Electrode Configuration Register
EC
CalL
ock
ModeSel
EleEn
0x44
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com