Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1204 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TSA1204
Description  DUAL-CHANNEL, 12-BIT, 20MSPS, 120mW A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1204 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TSA1204 Datasheet HTML 12Page - STMicroelectronics TSA1204 Datasheet HTML 13Page - STMicroelectronics TSA1204 Datasheet HTML 14Page - STMicroelectronics TSA1204 Datasheet HTML 15Page - STMicroelectronics TSA1204 Datasheet HTML 16Page - STMicroelectronics TSA1204 Datasheet HTML 17Page - STMicroelectronics TSA1204 Datasheet HTML 18Page - STMicroelectronics TSA1204 Datasheet HTML 19Page - STMicroelectronics TSA1204 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
TSA1204
16/20
Operating conditions of the evaluation board:
Find below the connections to the board for the
power supplies and other pins:
Care should be taken for the evaluation board as
the outputs of the converter are 2.5V/3.3V
(VCCB2) tolerant whereas the 74LCX573 external
buffers are operating up to 2.5V.
Single and Differential Inputs:
The ADC board components are mounted to test
the TSA1204 with single analog input; the
ADT1-1WT transformer enables the differential
drive into the converter; in this configuration, the
resistors RSI6, RSI7, RSI8 for I channel (respec-
tively RSQ6, RSQ7, RSQ8 for Q one) are con-
nected as short circuits whereas RSI5, RSI9 (re-
spectively RSQ5, RSQ9) are open circuits.
The other way is to test it via JI1 and JI1B
differential inputs. So, the resistances RSI5, RSI9
for I channel (respectively RSQ5, RSQ9 for Q one)
are connected as short circuits whereas RSI6,
RSI7, RSI8 (respectively RSQ6, RSQ7, RSQ8 for
Q one) are open circuits.
Grounding consideration
So as to better reject noise on the board, connect
on the bottom overlay AG (AGND), DG(DGND),
GB1(GNDBI) together from one part, and
GB2(GNDBE) with GB3(GNDB3) from the other
part.
Mode select
So as to evaluate a single channel or the dual
ones, you have to connect on the board the
relevant position for the SELECT pin.
With the strap connected
- to the upper connectors, the I channel at the out-
put is selected.
- horizontally, the Q channel at the output is se-
lected
- to the lower connectors, both channels are se-
lected, relative to the clock edge.
Figure 9 : mode select
Consumption adjustment
Before any characterization, care should be taken
to adjust the Rpol (Raj1) and therefore Ipol value
in function of your sampling frequency.
board
notation
connection
internal
voltage (V)
external
voltage (V)
AV
AVCC
2.5
AG
AGND
0
RPI
REFPI
0.89
<1.4
RMI
REFMI
<0.4
CMI
INCMI
0.46
<1
RPQ
REFPQ
0.89
<1.4
RMQ
REFMQ
<0.4
CMQ
INCMQ
0.46
<1
DV
DVCC
2.5
DG
DGND
0
GB1
GNDBI
0
VB1
VCCBI
2.5
GB2
GNDBE
0
VB2
VCCBE
1.8/2.5/3.3
GB3
GNDB3
0
VB3
VCCB3
2.5
SELECT
DVCC
DGND
CLK
I channel
Q channel
I/Q channels
SELECT
schematic
board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com