Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSH10
Description  140MHz BANDWIDTH LOW NOISE SINGLE OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH10 Datasheet(HTML) 1 Page - STMicroelectronics

  TSH10 Datasheet HTML 1Page - STMicroelectronics TSH10 Datasheet HTML 2Page - STMicroelectronics TSH10 Datasheet HTML 3Page - STMicroelectronics TSH10 Datasheet HTML 4Page - STMicroelectronics TSH10 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
s LOW NOISE : 6nV/
√Hz
s GAIN BANDWIDTH PRODUCT : 140MHz
s UNITY GAIN STABLE
s SLEW RATE : 150V/
µs
s STANDARD PIN OUT
DESCRIPTION
The TSH10 is a low cost wide bandwidth single
operational amplifier featuring low input noise of
6nV/
√Hz. Other features as unity gain stability,
fast settling time and high linearity make it suitable
for any application requiring speed and precision
as high resolution video or DAC buffer.
ORDER CODE
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part Number
Temperature Range
Package
D
TSH10I
-40°C, +125°C
•
D
SO8
(Plastic Micropackage)
1
2
3
4
8
6
5
7
Inverting Input
Non-inverting Input
Output
Offset Null 2
Offset Null 1
N.C.
VCC
VCC
+
TSH10
140MHz BANDWIDTH LOW NOISE
SINGLE OPERATIONAL AMPLIFIER
October 2000


Similar Part No. - TSH10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH103 STMICROELECTRONICS-TSH103 Datasheet
139Kb / 10P
Low cost triple video buffer/filter for standard video
19-Sep-2007
TSH103ID STMICROELECTRONICS-TSH103ID Datasheet
139Kb / 10P
Low cost triple video buffer/filter for standard video
19-Sep-2007
TSH103IDT STMICROELECTRONICS-TSH103IDT Datasheet
139Kb / 10P
Low cost triple video buffer/filter for standard video
19-Sep-2007
More results

Similar Description - TSH10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NE5534 ONSEMI-NE5534 Datasheet
165Kb / 10P
Single Low Noise Operational Amplifier
March, 2006 ??Rev. 2
logo
STMicroelectronics
TL071 STMICROELECTRONICS-TL071_07 Datasheet
287Kb / 13P
Low noise JFET single operational amplifier
30-Jul-2007
TL071 STMICROELECTRONICS-TL071_08 Datasheet
309Kb / 15P
Low noise JFET single operational amplifier
19-Sep-2008
logo
Toshiba Semiconductor
TC75S61TU TOSHIBA-TC75S61TU Datasheet
206Kb / 7P
Single Operational Amplifier (Low Noise Operational Amplifier)
TC75S63TU TOSHIBA-TC75S63TU Datasheet
243Kb / 9P
Single Operational Amplifier (Low Noise Operational Amplifier)
TA75S558FTE85LF TOSHIBA-TA75S558FTE85LF Datasheet
182Kb / 5P
Single Low-Noise Operational Amplifier
logo
Rohm
LM4559F ROHM-LM4559F Datasheet
380Kb / 20P
Low Noise Operational Amplifier
logo
ON Semiconductor
NE5534 ONSEMI-NE5534_12 Datasheet
131Kb / 10P
Single Low Noise Operational Amplifier
July, 2012 ??Rev. 3
logo
Texas Instruments
LMH6624-MIL TI1-LMH6624-MIL Datasheet
1Mb / 29P
Single Ultra-Low-Noise Wideband Operational Amplifier
logo
Toshiba Semiconductor
TC75S67TU TOSHIBA-TC75S67TU Datasheet
1Mb / 11P
Single Operational Amplifier (Ultra Low Noise Operational Amplifier)
2019-08-19 Rev1.4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com