Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5606BEVLU Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC5606BEVLU
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606BEVLU Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC5606BEVLU Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5606BEVLU Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5606BEVLU Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5606BEVLU Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5606BEVLU Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5606BEVLU Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5606BEVLU Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5606BEVLU Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5606BEVLU Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 98 page
background image
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
2
Table of Contents
1
Overview. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3
1.1
Device Comparison. . . . . . . . . . . . . . . . . . . . . . . . . . . . .3
1.2
MPC5606S Features. . . . . . . . . . . . . . . . . . . . . . . . . . . .5
1.3
MPC5606S Series Blocks . . . . . . . . . . . . . . . . . . . . . . . .6
1.3.1
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . .6
1.3.2
Block Summary . . . . . . . . . . . . . . . . . . . . . . . . . .7
2
Pinout and Signal Descriptions. . . . . . . . . . . . . . . . . . . . . . . . .9
2.1
144 LQFP Package Pinout . . . . . . . . . . . . . . . . . . . . . .10
2.2
176 LQFP Package Pinout . . . . . . . . . . . . . . . . . . . . . .11
2.3
208 MAPBGA Package Pinout . . . . . . . . . . . . . . . . . . .11
2.4
Signal Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . .13
2.4.1
Pad Configuration during Reset Phases . . . . . .13
2.4.2
Voltage Supply Pins. . . . . . . . . . . . . . . . . . . . . .13
2.4.3
Pad Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15
2.4.4
System Pins. . . . . . . . . . . . . . . . . . . . . . . . . . . .15
2.4.5
Nexus Pins. . . . . . . . . . . . . . . . . . . . . . . . . . . . .16
2.4.6
Functional Ports A, B, C, D, E, F, G, H, I, J, K . .18
2.4.7
Signal Details. . . . . . . . . . . . . . . . . . . . . . . . . . .36
3
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . .39
3.1
Absolute Maximum Ratings . . . . . . . . . . . . . . . . . . . . .39
3.1.1
Recommended Operating Conditions . . . . . . . .41
3.2
Thermal Characteristics . . . . . . . . . . . . . . . . . . . . . . . .44
3.2.1
General Notes for Specifications at Maximum
Junction Temperature . . . . . . . . . . . . . . . . . . . .45
3.3
EMI (Electromagnetic Interference) Characteristics . . .47
3.4
Power Management . . . . . . . . . . . . . . . . . . . . . . . . . . .47
3.4.1
Voltage Regulator Electrical Characteristics . . .47
3.4.2
Voltage monitor electrical characteristics. . . . . .48
3.4.3
Low voltage domain power consumption. . . . . .49
3.5
DC Electrical Specifications . . . . . . . . . . . . . . . . . . . . .50
3.6
I/O Pad Electrical Characteristics . . . . . . . . . . . . . . . . .50
3.6.1
I/O Pad Types . . . . . . . . . . . . . . . . . . . . . . . . . .50
3.6.2
I/O Input DC Characteristics . . . . . . . . . . . . . . 50
3.6.3
I/O Output DC Characteristics . . . . . . . . . . . . . 51
3.6.4
I/O Pad Current Specification. . . . . . . . . . . . . . 55
3.7
RESET electrical characteristics . . . . . . . . . . . . . . . . . 57
3.8
Main Oscillator Electrical Characteristics . . . . . . . . . . 59
3.9
Low Power Oscillator Electrical Characteristics. . . . . . 61
3.10 FMPLL Electrical Characteristics. . . . . . . . . . . . . . . . . 62
3.11 Main RC Oscillator Electrical Characteristics . . . . . . . 63
3.12 Low Power RC Oscillator Electrical Characteristics . . 64
3.13 Flash Memory Electrical Characteristics . . . . . . . . . . . 64
3.14 Analog to Digital Converter (ADC) Electrical Characteristics
65
3.14.1 Input Impedance and ADC Accuracy . . . . . . . . 66
3.14.2 ADC Electrical Characteristics . . . . . . . . . . . . . 70
3.15 AC Specifications. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72
3.15.1 Pad AC Specifications . . . . . . . . . . . . . . . . . . . 72
3.16 AC Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74
3.16.1 IEEE 1149.1 Interface Timing . . . . . . . . . . . . . 74
3.16.2 Nexus Debug Interface. . . . . . . . . . . . . . . . . . . 77
3.16.3 Interface to TFT LCD Panels . . . . . . . . . . . . . . 78
3.16.4 External Interrupt (IRQ) and Non-Maskable
Interrupt (NMI) Timing . . . . . . . . . . . . . . . . . . . 81
3.16.5 Enhanced Modular I/O Subsystem (eMIOS) Timing
82
3.16.6 FlexCAN Timing . . . . . . . . . . . . . . . . . . . . . . . . 82
3.16.7 Deserial Serial Peripheral Interface (DSPI) . . . 83
3.16.8 I2C Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . 88
3.16.9 Mechanical Outline Drawings. . . . . . . . . . . . . . 89
3.17 144 LQFP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 89
3.18 176 LQFP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 93
4
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com