Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8313CZQAFDB Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # MPC8313CZQAFDB
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313CZQAFDB Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button MPC8313CZQAFDB Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8313CZQAFDB Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8313CZQAFDB Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8313CZQAFDB Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8313CZQAFDB Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8313CZQAFDB Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8313CZQAFDB Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8313CZQAFDB Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8313CZQAFDB Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
Freescale Semiconductor
71
Package and Pin Listings
PCI_AD6
AD19
IO
NVDD
PCI_AD7
AD20
IO
NVDD
PCI_AD8
AC18
IO
NVDD
PCI_AD9
AD18
IO
NVDD
PCI_AD10
AB18
IO
NVDD
PCI_AD11
AE19
IO
NVDD
PCI_AD12
AB17
IO
NVDD
PCI_AD13
AE18
IO
NVDD
PCI_AD14
AD17
IO
NVDD
PCI_AD15
AF19
IO
NVDD
PCI_AD16
AB14
IO
NVDD
PCI_AD17
AF15
IO
NVDD
PCI_AD18
AD14
IO
NVDD
PCI_AD19
AE14
IO
NVDD
PCI_AD20
AF12
IO
NVDD
PCI_AD21
AE11
IO
NVDD
PCI_AD22
AD12
IO
NVDD
PCI_AD23
AB13
IO
NVDD
PCI_AD24
AF9
IO
NVDD
PCI_AD25
AD11
IO
NVDD
PCI_AD26
AE10
IO
NVDD
PCI_AD27
AB12
IO
NVDD
PCI_AD28
AD10
IO
NVDD
PCI_AD29
AC10
IO
NVDD
PCI_AD30
AF10
IO
NVDD
PCI_AD31
AF8
IO
NVDD
PCI_C/BE0
AC19
IO
NVDD
PCI_C/BE1
AB15
IO
NVDD
PCI_C/BE2
AF14
IO
NVDD
PCI_C/BE3
AF11
IO
NVDD
PCI_PAR
AD16
IO
NVDD
PCI_FRAME
AF16
IO
NVDD
5
Table 63. MPC8313E TEPBGAII Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com