Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH110 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSH110
Description  WIDE BAND, LOW NOISE OPERATIONAL AMPLIFIERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH110 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSH110 Datasheet HTML 7Page - STMicroelectronics TSH110 Datasheet HTML 8Page - STMicroelectronics TSH110 Datasheet HTML 9Page - STMicroelectronics TSH110 Datasheet HTML 10Page - STMicroelectronics TSH110 Datasheet HTML 11Page - STMicroelectronics TSH110 Datasheet HTML 12Page - STMicroelectronics TSH110 Datasheet HTML 13Page - STMicroelectronics TSH110 Datasheet HTML 14Page - STMicroelectronics TSH110 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TSH110-TSH111-TSH112-TSH113-TSH114
11/19
(fig.19): Icc vs. Temperature
Open loop, no load
(fig.21): ROL vs. Temperature
Open loop, no load
(fig.23): VOH & VOL vs. Temperature
Open loop, RL=100Ω
(fig.20): Icc (Standby) vs. Temperaure
Open loop, no load
(fig.22): CMR vs. Temperature
Open loop, no load
(fig.24): Slew Rate vs. Temperature
AV=+2, RL=100Ω
-40
-20
0
20
40
60
80
100
-5
-4
-3
-2
-1
0
1
2
3
4
5
I
cc
(-) for Vcc=±6V
I
cc
(-) for Vcc=±2.5V
I
cc
(+) for Vcc=±2.5V
I
cc
(+) for Vcc=±6V
Temperature (°C)
-40
-20
0
20406080
100
800
850
900
950
1000
Vcc=±2.5V
Vcc=±6V
Temperature (°C)
-40
-20
0
20
40
60
80
100
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
V
OH
for Vcc=±6V
V
OH
for Vcc=±2.5V
V
OL
for Vcc=±6V
V
OL
for Vcc=±2.5V
Temperature (°C)
-40
-20
0
204060
80
100
-30
-20
-10
0
10
20
30
Temperature (°C)
-40
-20
0
20
40
60
80
100
58
60
62
64
66
68
Vcc=±2.5V
Vcc=±6V
Temperature (°C)
-40
-20
0
20406080
100
100
150
200
250
300
350
400
450
500
550
600
neg. SR for Vcc=±6V
pos. SR for Vcc=±6V
pos. SR for Vcc=±2.5V
neg. SR for Vcc=±2.5V
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com