Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEL1210BM Datasheet(PDF) 1 Page - AEL Crystals Ltd

Part # AEL1210BM
Description  12-Series General Oscillator Specifications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEL [AEL Crystals Ltd]
Direct Link  http://www.aelcrystals.co.uk
Logo AEL - AEL Crystals Ltd

AEL1210BM Datasheet(HTML) 1 Page - AEL Crystals Ltd

  AEL1210BM Datasheet HTML 1Page - AEL Crystals Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description
Min
Typ
Max
Unit
Frequency Range
0.5
125
MHz
Overall Stability (+/-)
10
100
ppm
Supply Voltage
3.3
5
V
Operating Temperature Range
0~70
-55~125
Deg C
Capacitive Load on Output
15
50
pF
TTL Load on Output
1
10
TTL
Supply Current:
5V
0.5-23.9MHz
20
mA
5V
24-49.9MHz
30
mA
5V
50-69.9MHz
40
mA
5V
70-125MHz
60
mA
3.3V 0.5-23.9MHz
15
mA
3.3V 24-49.9MHz
20
mA
3.3V 50-69.9MHz
30
mA
3.3V 70-125MHz
45
mA
Pin Assignments
Tri-State Voltages
Output Voltage :
Pin 1
N/C (1200) or Tri-State (1210)
N.C
Output Active
High (5Vdd)
4.5
V
Pin 4
Ground
>2.2V
Output Active
High (3.3Vdd)
2.4
V
Pin 5
Output
<0.8V
Output Disabled
Low (5Vdd)
0.5
V
Pin 8
+V DC
(Pin 1 has internal pull up resistor to allow
Low (3.3Vdd)
0.5
V
it to float High)
Symmetry
40:60
45:55
48:52
%
Jitter
1
pS
AEL12
Rise/Fall time (frequency dependant)
1
8
10
nS
Pin 1:
0=N.C., 1=E/D
Start up Time
10
mS
Supply voltage:
0=5V, 3=3.3V
Stability* (+/-ppm):
C=100, B=50, A=25
Temperature range:
S=0~+70, I=-40~+85C, M=-55+125C
TITLE
Part Number
Stock Number
Issue Date
Issue Number
Options and How to Specify
12-Series General Oscillator Specifications
e.g. AEL1210BS 40MHz = E/D, 5V, +/-50ppm, 0~+70C, 40MHz
13/03/2006
1
AEL Crystals Ltd. Reserve the right to amend specifications without notification. Please ensure you have the latest issue
AEL 12-series oscillator
Contact Sales Office
Contact Sales Office
*please contact our Sales Office for further options
Module "D", Airtech II
Jenner Road, Manor Royal
Crawley RH10 9GA
Not to be reproduced without permission of AEL Crystals Ltd


Similar Part No. - AEL1210BM

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
AEL1211CS AEL-AEL1211CS Datasheet
104Kb / 1P
Crystal Oscillator 8-Pin DIL UNIVERSAL O/P With Tri-State(Hcmos & TTL) 40kHz to 150MHz
25.04.00 Issue Number 5
More results

Similar Description - AEL1210BM

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
AEL30 AEL-AEL30 Datasheet
35Kb / 1P
30-Series General Oscillator Specifications
AEL43 AEL-AEL43 Datasheet
34Kb / 1P
43-Series General Oscillator Specifications
AEL45 AEL-AEL45 Datasheet
57Kb / 1P
45-Series General Oscillator Specifications
AEL60 AEL-AEL60 Datasheet
29Kb / 1P
60-Series General Oscillator Specifications
AEL97 AEL-AEL97 Datasheet
49Kb / 1P
97-Series General Oscillator Specifications
logo
Wolfgang Knap
22SMODO-SO9936C WK-22SMODO-SO9936C Datasheet
83Kb / 1P
OSCILLATOR SPECIFICATIONS
32SMO-9980A WK-32SMO-9980A Datasheet
116Kb / 1P
OSCILLATOR SPECIFICATIONS
97SMOWW-SO9969A WK-97SMOWW-SO9969A Datasheet
282Kb / 1P
Oscillator specifications
97SMOWWW-SO9968A WK-97SMOWWW-SO9968A Datasheet
296Kb / 1P
Oscillator specifications
logo
List of Unclassifed Man...
BA2-B0-34-610-121-D ETC2-BA2-B0-34-610-121-D Datasheet
2Mb / 17P
B-Series ??General Specifications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com