Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8313ECZQGDF Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # MPC8313ECZQGDF
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313ECZQGDF Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button MPC8313ECZQGDF Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8313ECZQGDF Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8313ECZQGDF Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8313ECZQGDF Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8313ECZQGDF Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8313ECZQGDF Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8313ECZQGDF Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8313ECZQGDF Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8313ECZQGDF Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
72
Freescale Semiconductor
Package and Pin Listings
PCI_TRDY
AD13
IO
NVDD
5
PCI_IRDY
AC15
IO
NVDD
5
PCI_STOP
AF13
IO
NVDD
5
PCI_DEVSEL
AC14
IO
NVDD
5
PCI_IDSEL
AF20
I
NVDD
PCI_SERR
AE15
IO
NVDD
5
PCI_PERR
AD15
IO
NVDD
5
PCI_REQ0
AB10
IO
NVDD
PCI_REQ1/CPCI_HS_ES
AD9
I
NVDD
PCI_REQ2
AD8
I
NVDD
PCI_GNT0
AC11
IO
NVDD
PCI_GNT1/CPCI_HS_LED
AE7
O
NVDD
PCI_GNT2/CPCI_HS_ENUM
AD7
O
NVDD
M66EN
AD21
I
NVDD
PCI_CLK0
AF17
O
NVDD
PCI_CLK1
AB16
O
NVDD
PCI_CLK2
AF18
O
NVDD
PCI_PME
AD22
IO
NVDD
ETSEC1/_USBULPI
TSEC1_COL/USBDR_TXDRXD0
AD2
IO
LVDDB
TSEC1_CRS/USBDR_TXDRXD1
AC3
IO
LVDDB
TSEC1_GTX_CLK/USBDR_TXDRXD2
AF3
IO
LVDDB
3
TSEC1_RX_CLK/USBDR_TXDRXD3
AE3
IO
LVDDB
TSEC1_RX_DV/USBDR_TXDRXD4
AD3
IO
LVDDB
TSEC1_RXD3/USBDR_TXDRXD5
AC6
IO
LVDDB
TSEC1_RXD2/USBDR_TXDRXD6
AF4
IO
LVDDB
TSEC1_RXD1/USBDR_TXDRXD7
AB6
IO
LVDDB
TSEC1_RXD0/USBDR_NXT/TSEC_1588_TRIG1
AB5
I
LVDDB
TSEC1_RX_ER/USBDR_DIR/TSEC_1588_TRIG2
AD4
I
LVDDB
TSEC1_TX_CLK/USBDR_CLK/TSEC_1588_CLK
AF5
I
LVDDB
TSEC1_TXD3/TSEC_1588_GCLK
AE6
O
LVDDB
TSEC1_TXD2/TSEC_1588_PP1
AC7
O
LVDDB
Table 63. MPC8313E TEPBGAII Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com