Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC-49/SS Datasheet(PDF) 1 Page - AEL Crystals Ltd

Part # HC-49/SS
Description  Low Profile Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEL [AEL Crystals Ltd]
Direct Link  http://www.aelcrystals.co.uk
Logo AEL - AEL Crystals Ltd

HC-49/SS Datasheet(HTML) 1 Page - AEL Crystals Ltd

  HC-49/SS Datasheet HTML 1Page - AEL Crystals Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
APPLICATIONS
STANDARD
SPECIFICATION
Standard Frequencies Ex-Stock
Low Cost Solution
Standard I.C Height
Standard HC49U Base
Microprocessor Systems
Datacommunications
Consumer Electronics
Automotive Electronics
Specify
AVAILABLE OPTIONS
3.2 MHz
3.5 MHz
4.0 MHz
4.4 MHz
4.9 MHz
6.0 MHz
7.0 MHz
8.0 MHz
11.0 MHz
12.0 MHz
15.0 MHz
27.0 MHz
200 W
140 W
120 W
100 W
80 W
60 W
50 W
45 W
40 W
35 W
30 W
100 W
3.49 MHz
3.99 MHz
4.39 MHz
4.89 MHz
5.99 MHz
6.99 MHz
7.99 MHz
10.99 MHz
11.99 MHz
14.99 MHz
36.00 MHz
70.00 MHz
~
~
~
~
~
~
~
~
~
~
~
~
Frequency Stability vs Operating Temperature Range
Frequency Range:
Adjustment Tolerance
Load Capacity:
Shunt Capacity (C0):
Dynamic Capacity (C1):
3.2 MHz ~ 70.0 MHz
10PPM ~
100PPM
Series or 9pF ~ 50pF
4.5pF ~ 7pF (Typ.)
18fF ~ 20fF (Typ.)
Frequency Range:
o
Adjustment Tolerance at 25 C:
Frequency Stability:
Operating Temperature Range:
Load Capacity:
E.S.R:
Drive level:
Ageing:
3.20 MHz to 70.00 MHz
±
30PPM Max.
±
50PPM Max.
oo
-10 C to +60 C
30pF
See Table
100 MicroWatt
±
5PPM 1st Year Max.
Frequency Range
E.S.R
Mode
Value Added Services
In addition, AEL Crystals Ltd are able to offer our customers
the following value added services:-
Fitted Insulators
Lead Cropping
Radial Taping
Earth Lead
Lead Pre-Forming
Bar-Coding
HC-49/S Low Profile Crystal
q u a r t z
b a s e d
f r e q u e n c y
c o n t r o l
c o m p o n e n t s
Order Hotline +44 1293 524245
www.aelcrystals.co.uk
sales@aelcrystals.co.uk
11.05 Max
4.65 Max
HC-49/SS
HC-49/S
4.88 0.2
4.88 0.2
3.5
Max
2.7
Max
12.0
Min
12.0
Min
Fund
Fund
Fund
Fund
Fund
Fund
Fund
Fund
Fund
Fund
Fund
3 O/T
10
Operating
Temperature
Range
+/ -10 PPM
+/- 20PPM +/- 50PPM +/- 100PPM
-10 to +60
-20 to +70
-40 to +90
-55 to +105
Temperature Stability
www.aelcrystals.co.uk


Similar Part No. - HC-49/SS

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
HC-49/S MULTICOMP-HC-49/S Datasheet
432Kb / 8P
Crystals
09/12/19 V1.0
HC-49/SM MULTICOMP-HC-49/SM Datasheet
432Kb / 8P
Crystals
09/12/19 V1.0
More results

Similar Description - HC-49/SS

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HC494H GOLLEDGE-HC494H Datasheet
59Kb / 1P
Low Profile Crystal
logo
ECM Electronics Limited...
HC49-4 ECM-HC49-4 Datasheet
79Kb / 1P
Standard Low Profile Crystal
logo
Pletronics, Inc.
LP21 PLETRONICS-LP21 Datasheet
91Kb / 6P
Low Profile Crystal
logo
ECS, Inc.
HC-49USSX ECS-HC-49USSX Datasheet
155Kb / 2P
Low Profile Crystal
logo
Abracon Corporation
ABLSG ABRACON-ABLSG Datasheet
2Mb / 2P
LOW PROFILE CRYSTAL
08.20.10
logo
Golledge Electronics Lt...
HC49-4H GOLLEDGE-HC49-4H_16 Datasheet
113Kb / 1P
Low Profile Crystal
logo
Raltron Electronics Cor...
AS-12.000-20 RALTRON-AS-12.000-20 Datasheet
96Kb / 1P
LOW PROFILE MICROPROCESSOR CRYSTAL
AS-12.288-20 RALTRON-AS-12.288-20 Datasheet
96Kb / 1P
LOW PROFILE MICROPROCESSOR CRYSTAL
AS-12.288-20-SMD RALTRON-AS-12.288-20-SMD Datasheet
123Kb / 1P
LOW PROFILE MICROPROCESSOR CRYSTAL
logo
Abracon Corporation
ABS07-166-32.768KHZ-T ABRACON-ABS07-166-32.768KHZ-T Datasheet
691Kb / 3P
SMD LOW PROFILE CRYSTAL
03.19.2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com