Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEL9710BM Datasheet(PDF) 1 Page - AEL Crystals Ltd

Part # AEL9710BM
Description  97-Series General Oscillator Specifications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEL [AEL Crystals Ltd]
Direct Link  http://www.aelcrystals.co.uk
Logo AEL - AEL Crystals Ltd

AEL9710BM Datasheet(HTML) 1 Page - AEL Crystals Ltd

  AEL9710BM Datasheet HTML 1Page - AEL Crystals Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description
Min
Typ
Max
Unit
Frequency Range
0.5
125
MHz
Overall Stability (+/-)
10
100
ppm
Supply Voltage
3.3
5
V
Operating Temperature Range
0~70
-55~125
Deg C
Capacitive Load on Output
15
50
pF
TTL Load on Output
1
10
TTL
Supply Current:
5V
0.5-23.9MHz
20
mA
5V
24-49.9MHz
30
mA
5V
50-69.9MHz
40
mA
5V
70-125MHz
60
mA
3.3V 0.5-23.9MHz
15
mA
3.3V 24-49.9MHz
20
mA
3.3V 50-69.9MHz
30
mA
3.3V 70-125MHz
45
mA
Pin Assignments
Tri-State Voltages
Output Voltage :
Pin 1
N/C (9700) or Tri-State (9710)
N.C
Output Active
High (5Vdd)
4.5
V
Pin 7
Ground
>2.2V
Output Active
High (3.3Vdd)
2.4
V
Pin 8
Output
<0.8V
Output Disabled
Low (5Vdd)
0.5
V
Pin 14
+V DC
(Pin 1 has internal pull up resistor to allow
Low (3.3Vdd)
0.5
V
it to float High)
Symmetry
40:60
45:55
48:52
%
Jitter
1
pS
AEL97
Rise/Fall time (frequency dependant)
1
8
10
nS
Pin 1:
0=N.C., 1=E/D
Start up Time
10
mS
Supply voltage:
0=5V, 3=3.3V
Stability* (+/-ppm):
C=100, B=50, A=25
Temperature range:
S=0~+70, I=-40~+85C, M=-55+125C
TITLE
Part Number
Stock Number
Issue Date
Issue Number
1
AEL Crystals Ltd. Reserve the right to amend specifications without notification. Please ensure you have the latest issue
AEL 97-series oscillator
Contact Sales Office
Contact Sales Office
*please contact our Sales Office for further options
Options and How to Specify
97-Series General Oscillator Specifications
e.g. AEL9703CI 20MHz = N.C, 3.3V, +/-100ppm, -40~+85C, 20MHz
16/03/2006
Module "D", Airtech II
Jenner Road, Manor Royal
Crawley RH10 9GA
Not to be reproduced without permission of AEL Crystals Ltd


Similar Part No. - AEL9710BM

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
AEL9710B AEL-AEL9710B Datasheet
113Kb / 1P
AEL 9710 Series Oscillator 14-Pin DIL UNIVERSAL O/P (Hcmos & TTL) 400kHz to 160MHz
17/06/97
More results

Similar Description - AEL9710BM

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
AEL12 AEL-AEL12 Datasheet
47Kb / 1P
12-Series General Oscillator Specifications
AEL30 AEL-AEL30 Datasheet
35Kb / 1P
30-Series General Oscillator Specifications
AEL43 AEL-AEL43 Datasheet
34Kb / 1P
43-Series General Oscillator Specifications
AEL45 AEL-AEL45 Datasheet
57Kb / 1P
45-Series General Oscillator Specifications
AEL60 AEL-AEL60 Datasheet
29Kb / 1P
60-Series General Oscillator Specifications
logo
Wolfgang Knap
22SMODO-SO9936C WK-22SMODO-SO9936C Datasheet
83Kb / 1P
OSCILLATOR SPECIFICATIONS
32SMO-9980A WK-32SMO-9980A Datasheet
116Kb / 1P
OSCILLATOR SPECIFICATIONS
97SMOWW-SO9969A WK-97SMOWW-SO9969A Datasheet
282Kb / 1P
Oscillator specifications
97SMOWWW-SO9968A WK-97SMOWWW-SO9968A Datasheet
296Kb / 1P
Oscillator specifications
logo
List of Unclassifed Man...
10-40450-18S ETC2-10-40450-18S Datasheet
45Kb / 1P
97 series accessories
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com