Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8CTST110 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY8CTST110
Description  TrueTouch??Single-Touch Touchscreen Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CTST110 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY8CTST110 Datasheet HTML 9Page - Cypress Semiconductor CY8CTST110 Datasheet HTML 10Page - Cypress Semiconductor CY8CTST110 Datasheet HTML 11Page - Cypress Semiconductor CY8CTST110 Datasheet HTML 12Page - Cypress Semiconductor CY8CTST110 Datasheet HTML 13Page - Cypress Semiconductor CY8CTST110 Datasheet HTML 14Page - Cypress Semiconductor CY8CTST110 Datasheet HTML 15Page - Cypress Semiconductor CY8CTST110 Datasheet HTML 16Page - Cypress Semiconductor CY8CTST110 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
CY8CTST110
Document Number: 001-46931 Rev. *B
Page 13 of 32
Absolute Maximum Ratings
Operating Temperature
Table 6. Absolute Maximum Ratings
Symbol
Description
Min
Typ
Max
Units
Notes
TSTG
Storage Temperature
-55
25
+100
oC
Higher storage temperatures
reduce data retention time. Recom-
mended storage temperature is
+25 oC ± 25 oC. Extended duration
storage temperatures above 65 oC
degrade reliability.
TA
Ambient Temperature with Power Applied
-40
–
+85
oC
Vdd
Supply Voltage on Vdd Relative to Vss
-0.5
–
+6.0
V
VIO
DC Input Voltage
Vss - 0.5
–
Vdd + 0.5 V
VIOZ
DC Voltage Applied to Tri-state
Vss - 0.5
–
Vdd + 0.5 V
IMIO
Maximum Current into any Port Pin
-25
–
+50
mA
ESD
Electro Static Discharge Voltage[4]
2000
–
–
V
Human Body Model ESD.
LU
Latch Up Current
–
–
200
mA
Table 7.
Operating Temperature
Symbol
Description
Min
Typ
Max
Units
Notes
TA
Ambient Temperature[5]
-40
–
+85
oC
TJ
Junction Temperature
-40
–
+100
oC
The temperature rise from ambient
to junction is package specific. See
Table 34 on page 29. The user
must limit the power consumption
to comply with this requirement.
Notes
4. See the user module data sheet for touchscreen application related ESD testing.
5. See the user module data sheet for touchscreen application related temperature testing
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com