Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH111ID Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSH111ID
Description  WIDE BAND, LOW NOISE OPERATIONAL AMPLIFIERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH111ID Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSH111ID Datasheet HTML 10Page - STMicroelectronics TSH111ID Datasheet HTML 11Page - STMicroelectronics TSH111ID Datasheet HTML 12Page - STMicroelectronics TSH111ID Datasheet HTML 13Page - STMicroelectronics TSH111ID Datasheet HTML 14Page - STMicroelectronics TSH111ID Datasheet HTML 15Page - STMicroelectronics TSH111ID Datasheet HTML 16Page - STMicroelectronics TSH111ID Datasheet HTML 17Page - STMicroelectronics TSH111ID Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
TSH110-TSH111-TSH112-TSH113-TSH114
14/19
Printed Circuit Board Layout Considerations
In this range of frequency, printed circuit board
parasitics can affect the closed-loop performance.
The implementation of a proper ground plane in
both sides of the PCB is mandatory to provide low
inductance and low resistance common return.
Most important for controlling the gain flatness
and the bandwidth are stray capacitances at the
output and inverting input. For minimizing the cou-
pling, the space between signal lines and ground
plane will be increased. Connections of the feed-
back components must be as short as possible on
order to decrease the associated inductance
which affect high frequency gain errors. It is very
important to choose external components as small
as possible such as surface mounted devices,
SMD, in order to minimize the size of all the dc and
ac connections.
Power Supply Bypassing
A proper power supply bypassing comes very im-
portant for optimizing the performance in high fre-
quency range. Bypass capacitors must be placed
as close as possible to the IC pins to improve high
frequency bypassing. A capacitor greater than
1
µF is necessary to minimize the distortion. For a
better quality bypassing a capacitor of 0.1
µF will
be added following the same condition of imple-
mentation. These bypass capacitors must be in-
corporated for the negative and the positive sup-
plies.
(fig.32): Circuit for power supply bypassing.
Channel Separation or Crosstalk
The following figure show the crosstalk from an
amplifier to a second amplifier. This phenomenon,
accented in high frequencies, is unavoidable and
intrinsic of the circuit.
Nevertheless, the PCB layout has also an effect
on the crosstalk level. Capacitive coupling be-
tween signal wires, distance between critical sig-
nal nodes, power supply bypassing, are the most
significant points.
(fig.33): Crosstalk vs. Frequency.
AV=+2, Rfb=680Ω, Cfb=2pF, RL=100Ω, Vcc=±6V, ±2.5V
Single Power Supply
The TSH11x operates from 12V down to 5V power
supplies. This is achieved with a dual power sup-
ply of ±6V and ±2.5V or a single power supply of
12V and 5V referenced to the ground. In the case
of this asymmetrical supplying, a biasing is neces-
sary to assume a positive output dynamic range
between 0V and +Vcc supply rails. Considering
the values of VOH and VOL, the amplifier will pro-
vide an ouput dynamic from +1.35V to 10.75V for
a 12V supplying, from 0.6V to 4.5V for a 5V sup-
plying.
The following figure show the case of a 5V single
power supply configuration.
(fig.34): Circuit for +5V single supply.
+
_
-VCC
0.1
µF
1
µF
+VCC
1
µF
0.1
µF
TSH11x
+
_
-VCC
0.1
µF
1
µF
+VCC
1
µF
0.1
µF
TSH11x
10k
100k
1M
10M
100M
-100
-80
-60
-40
-20
0
Frequency (Hz)
+
_
R1
5k
Ω
RG
680
Ω
IN
+5V
50
Ω
OUT
50
Ω
Rfb, 680
Ω
10
µF
+ 1
µF
Cfb
2pF
TSH11x
100
µF
R1
5k
Ω
+5V
10nF
Rin
1k
Ω
CG
+
+
_
R1
5k
Ω
RG
680
Ω
IN
+5V
50
Ω
OUT
50
Ω
Rfb, 680
Ω
10
µF
+ 1
µF
Cfb
2pF
TSH11x
100
µF
R1
5k
Ω
+5V
10nF
Rin
1k
Ω
CG
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com