Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH31I Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSH31I
Description  280MHz BANDWIDTH MOS INPUT SINGLE OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH31I Datasheet(HTML) 3 Page - STMicroelectronics

  TSH31I Datasheet HTML 1Page - STMicroelectronics TSH31I Datasheet HTML 2Page - STMicroelectronics TSH31I Datasheet HTML 3Page - STMicroelectronics TSH31I Datasheet HTML 4Page - STMicroelectronics TSH31I Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TSH31
3/5
ELECTRICAL CHARACTERISTICS
V
CC = ±5V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage
3
15
mV
DVio
Input Offset Voltage Drift
Tmin. ≤ Tamb ≤ Tmax.
20
µV/°C
Iib
Input Bias Current.
2
300
pA
Iio
Input Offset Current.
2
200
pA
ICC
Supply Current, no load
VCC = ±5V
20
40
mA
Avd
Large Signal Voltage Gain
Vo = ±2.5V
RL = 100Ω
200
800
V/V
Vicm
Input Common Mode Voltage Range
-5 to +2
-5.5 to +2.5
V
CMR
Common-mode Rejection Ratio
Vic = Vicm min.
55
95
dB
SVR
Supply Voltage Rejection Ratio
VCC = ±5V to ±3V
45
65
dB
Vo
Output Voltage
RL = 100Ω
±2.5
+3.5
-3.7
V
Io
Output Short Circuit Current
Vid = ±1V, Vo = 0V
±70
mA
GBP
Gain Bandwidth Product
AVCL = 100, RL = 100Ω, f = 7.5MHz
280
MHz
SR
Slew Rate
Vin = ±2V, AVCL = 1, RL = 100Ω
300
V/
µs
en
Equivalent Input Voltage Noise
f = 1MHz
20
nV/
√Hz
φm
Phase Margin
AVM = 1, RL = 100Ω, CL = 15pF
40
Degrees



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com