Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY29976AI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY29976AI
Description  3.3V, 125-MHz, Multi-Output Zero Delay Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29976AI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY29976AI Datasheet HTML 1Page - Cypress Semiconductor CY29976AI Datasheet HTML 2Page - Cypress Semiconductor CY29976AI Datasheet HTML 3Page - Cypress Semiconductor CY29976AI Datasheet HTML 4Page - Cypress Semiconductor CY29976AI Datasheet HTML 5Page - Cypress Semiconductor CY29976AI Datasheet HTML 6Page - Cypress Semiconductor CY29976AI Datasheet HTML 7Page - Cypress Semiconductor CY29976AI Datasheet HTML 8Page - Cypress Semiconductor CY29976AI Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CY29976
Document #: 38-07413 Rev. *B
Page 3 of 9
Note
2. A bypass capacitor (0.1
μF) must be placed as close as possible to each positive power (<0.2”). If these bypass capacitors are not close to the pins their high frequency
filtering characteristics are cancelled by the lead inductance of the traces.
Pin Definitions[2]
Pin No.
Pin Name
PWR
IO
Type
Description
11
PECL_CLK
I
PU
PECL Clock Input.
12
PECL_CLK#
I
PD
PECL Clock Input.
9
TCLK0
I
PU
External Reference/Test Clock Input.
10
TCLK1
I
PU
External Reference/Test Clock Input.
44, 46, 48, 50
QA(3:0)
VDDC
O
Clock Outputs. See Table 2 on page 4 for frequency selections.
32, 34, 36, 38
QB(3:0)
VDDC
O
Clock Outputs. See Table 2 on page 4 for frequency selections.
16, 18, 21, 23
QC(3:0)
VDDC
O
Clock Outputs. See Table 2 on page 4 for frequency selections.
29
FB_OUT
VDDC
O
Feedback Clock Output. Connect to FB_IN for normal operation. The
divider ratio for this output is set by FB_SEL(0:2). See Table 1 on page
1. A bypass delay capacitor at this output controls Input Reference/
Output Banks phase relationships.
25
SYNC
VDDC
O
Synchronous Pulse Output. This output is used for system synchroni-
zation. The rising edge of the output pulse is in sync with both the rising
edges of QA (0:3) and QC(0:3) output clocks regardless of the divider
ratios selected.
42, 43
SELA(1,0)
I
PU
Frequency Select Inputs. These inputs select the divider ratio at
QA(0:3) outputs. See Table 2 on page 4.
40, 41
SELB(1,0)
I
PU
Frequency Select Inputs. These inputs select the divider ratio at
QB(0:3) outputs. See Table 2 on page 4.
19, 20
SELC(1,0)
I
PU
Frequency Select Inputs. These inputs select the divider ratio at
QC(0:3) outputs. See Table 2 on page 4.
5, 26, 27
FB_SEL(2:0)
I
PU
Feedback Select Inputs. These inputs select the divide ratio at FB_OUT
output. See Table 1 on page 1.
52
VCO_SEL
I
PU
VCO Divider Select Input. When set LOW, the VCO output is divided
by 2. When set HIGH, the divider is bypassed. See Table 1 on page 1.
31
FB_IN
I
PU
Feedback Clock Input. Connect to FB_OUT for accessing the PLL.
6
PLL_EN
I
PU
PLL Enable Input. When asserted HIGH, PLL is enabled. When LOW,
PLL is bypassed.
7
REF_SEL
I
PU
Reference Select Input. When HIGH, the PECL clock is selected. When
LOW, TCLK (0,1) is the reference clock.
8
TCLK_SEL
I
PU
TCLK Select Input. When LOW, TCLK0 is selected and when HIGH
TCLK1 is selected.
2MR#/OE
I
PU
Master Reset/Output Enable Input. When asserted LOW, resets all of
the internal flip-flops and also disables all of the outputs. When pulled
HIGH, releases the internal flip-flops from reset and enables all of the
outputs.
14
INV_CLK
I
PU
Inverted Clock Input. When set HIGH, QC(2,3) outputs are inverted.
When set LOW, the inverter is bypassed.
3
SCLK
I
PU
Serial Clock Input. Clocks data at SDATA into the internal register.
4SDATA
I
PU
Serial Data Input. Input data is clocked to the internal register to
enable/disable individual outputs. This provides flexibility in power
management.
17, 22, 28,
33,37, 45, 49
VDDC
3.3V Power Supply for Output Clock Buffers.
13
VDD
3.3V Supply for PLL
1, 15, 24, 30,
35, 39, 47, 51
VSS
Common Ground
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com