Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F102 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # F102
Description  Totalizers electromechanic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

F102 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  F102 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG F102 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG F102 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG F102 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Totalizers electromechanic
www.baumerivo.com
2
F 102, F 112, F 122
Small impulse counters, adding
Display 4- or 6-digits, with/without reset button
1
2
+(-)
-(+)
Voltage
Encoder
Connection diagram
Technical data - mechanical design
Display
White numbers on black
Number of digits
4-digits with reset button
6-digits without reset button
Digit height
4 mm
Count mode
1 impulse = 1 count
Step-by-step switching
Adding in 2 half steps
Measuring range
9999 and 999 999
Reset
Manual by reset button
Operating temperature
0...+60 °C
Storing temperature
-20...+70 °C
Relative humidity
80 % non-condensing
Protection DIN EN 60529 IP 41
Housing type
Built-in housing
E-connection
Pin connector D = 1.5 mm
Cutout dimensions
33 x 22 mm
Weight approx.
75 g
Material
Housing: Hostaform POM, black
F 102
Mounting
Rear center screw mount
Dimensions W x H x L
32 x 21.5 x 59 mm
Installation depth
74 mm
F 112
Mounting
Front panel with 2 screws
Dimensions W x H x L
39 x 37 x 59 mm
Installation depth
72 mm
F 122
Mounting
Front panel with spring clips
Dimensions W x H x L
37 x 25 x 59 mm
Installation depth
72 mm
Max. counting speed 6 pulses/s
Voltage
230 VAC +6/-10 %
Power
5.5 VA
Min. pulse duration
50 ms
Min. pulse interval
120 ms
Switch on time (at 25 °C)
30 % max. 7 min
Max. counting speed 10 pulses/s
Voltage
24/110 VAC ±10 %
Power
3 VA
Min. pulse duration
50 ms
Min. pulse interval
50 ms
Switch on time (at 25 °C)
100 %
Max. counting speed 20 pulses/s
Voltage
24 VDC ±10 %
Power
2.3 W
Min. pulse duration
25 ms
Min. pulse interval
25 ms
Switch on time (at 25 °C)
100 %
Trigger level



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com