Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY3672-USB Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY3672-USB
Description  Field and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3672-USB Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY3672-USB Datasheet HTML 5Page - Cypress Semiconductor CY3672-USB Datasheet HTML 6Page - Cypress Semiconductor CY3672-USB Datasheet HTML 7Page - Cypress Semiconductor CY3672-USB Datasheet HTML 8Page - Cypress Semiconductor CY3672-USB Datasheet HTML 9Page - Cypress Semiconductor CY3672-USB Datasheet HTML 10Page - Cypress Semiconductor CY3672-USB Datasheet HTML 11Page - Cypress Semiconductor CY3672-USB Datasheet HTML 12Page - Cypress Semiconductor CY3672-USB Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CY25100
Document #: 38-07499 Rev. *F
Page 9 of 13
Informational Graphs (continued)[6]
SSCLK EMI Attenuation vs. Spread%
(Measured at 7th Harmonic Temp=25C, VDD=3.3V,
SSCLK=100MHz, Measured on Cypress
Characterization board w ith CLOAD=15pF)
-16
-14
-12
-10
-8
-6
-4
-2
0
0.0%
0.5%
1.0%
1.5%
2.0%
2.5%
3.0%
3.5%
4.0%
4.5%
5.0%
Spread %
Max Cycle-Cycle Jitter on SSCLK vs.
Tem perature
(SSCLK=100MHz, VDD=3.3V, CLOAD=15pF, +/-
2%spread, REFCLK off)
0
25
50
75
100
125
150
175
200
-40
- 20
0
20
40
60
80
100
Tem perature (deg C)
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com