Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F304 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # F304
Description  Totalizers electromechanic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

F304 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  F304 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG F304 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG F304 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG F304 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Totalizers electromechanic
www.baumerivo.com
2
F 304, F 314, F 324, F 364
Impulse counters adding, modular system
Display 6- or 8-digits, with/without reset button
3
4
+(-)
-(+)
Voltage
Encoder
Connection diagram
Technical data - mechanical design
F 304
Number of digits
6-digits with reset button
8-digits without reset button
Measuring range
999 999 and 99 999 999
Housing type
Socket box
Mounting
Socket box
Dimensions W x H x L
50 x 25 x 85.8 mm
Cutout dimensions
50 x 25 mm
Installation depth
85.9 mm
F 314
Number of digits
6-digits with reset button
8-digits without reset button
Measuring range
999 999 and 99 999 999
Housing type
Built-in housing
Mounting
Front panel with 2 screws
Dimensions W x H x L
60 x 50 x 61 mm
Cutout dimensions
51 x 26 mm
Installation depth
77.5 mm
F 324
Number of digits
6-digits with reset button
8-digits without reset button
Measuring range
999 999 and 99 999 999
Housing type
Built-in housing
Mounting
Front panel with spring clips
Dimensions W x H x L
53.2 x 28.2 x 61 mm
Cutout dimensions
51 x 26 mm
Installation depth
77.5 mm
F 364
Number of digits
6-digits with reset button
Measuring range
999 999
Housing type
Built-in housing
Mounting
Front panel with 4 screws
Dimensions W x H x L
66.5 x 37 x 75 mm
Cutout dimensions
51 x 26 mm
Installation depth
72 mm
Max. counting speed 10 pulses/s
Voltage
24/110 VAC ±10 %
230 VAC +6/-10 %
Power
2.4 VA
Min. pulse duration
50 ms
Min. pulse interval
50 ms
Switch on time (at 25 °C)
100 %
Max. counting speed 20 pulses/s
Voltage
24 VDC ±10 %
Power
2.2 W
Min. pulse duration
25 ms
Min. pulse interval
25 ms
Switch on time (at 25 °C)
100 %
Trigger level
Accessories
Front panels for F 304
Z 100.01A
Front panel with transparent protective cover,
for socket box 50 x 25 mm
Front frames for F 304
Z 105.02A
Front frame with cylinder lock provided on
transparent cover
Z 107.01A
Front frame, insertion cutout 50 x 25 mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com