Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD270 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # FD270
Description  Totalizers electromechanic
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

FD270 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  FD270 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG FD270 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.baumerivo.com
www.baumerivo.com
Totalizers electromechanic
www.baumerivo.com
2
FD270
Part number
FD270.
Display
A5 5-digits 9999.9
A7 5-digits 99999
C1 6-digits 999 999
B7 6-digits 99999.5,
count mode 0-5-0-5
Voltage
1 24 VDC
5 115 VAC / 60 Hz
6 230 VAC / 50 Hz
Imprint / reset
010A
Imprint and reset operation parallel
020C
Imprint and reset operation separate
Impulse counters adding, imprint on card
Display 5- or 6-digits, manual reset by lever
Voltage
Encoder
+(-)
-(+)
Connection diagram
150
92
237
117
90°
Dimensions
Voltage
24 VDC ±10 %
Power
14 W
Nominal current
600 mA
Resistance
38 Ω
Voltage
115 VAC ±10 %
Power
20 VA
Nominal current
180 mA
Resistance
50 Ω
Voltage
230 VAC +6/-10 %
Power
20 VA
Nominal current
80 mA
Resistance
290 Ω
Trigger level



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com