Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS304 Datasheet(PDF) 3 Page - Baumer IVO GmbH & Co. KG

Part # FS304
Description  Preset counters electromechanic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

FS304 Datasheet(HTML) 3 Page - Baumer IVO GmbH & Co. KG

  FS304 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG FS304 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG FS304 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG FS304 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.baumerivo.com
Preset counters electromechanic
3
www.baumerivo.com
www.baumerivo.com
FS304, FS314, FS324
1 preset, subtracting
Display 5-digits, manual reset button
Part number
FS304. 550A
B
Display
B 5-digits 99999
Voltage
A3 24 VDC
A5 24 VAC
A8 110 VAC
A9 230 VAC
Reset
550A With reset button
FS314. 550A
B
Display
B 5-digits 99999
Voltage
A3 24 VDC
A5 24 VAC
A8 110 VAC
A9 230 VAC
Reset
550A With reset button
FS324. 550A
B
Display
B 5-digits 99999
Voltage
A3 24 VDC
A5 24 VAC
A8 110 VAC
A9 230 VAC
Reset
550A With reset button
Socket box
Front panel with screw mount
Front panel with spring clips mount



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com