Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5704BECLU Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # SPC5704BECLU
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5704BECLU Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button SPC5704BECLU Datasheet HTML 46Page - Freescale Semiconductor, Inc SPC5704BECLU Datasheet HTML 47Page - Freescale Semiconductor, Inc SPC5704BECLU Datasheet HTML 48Page - Freescale Semiconductor, Inc SPC5704BECLU Datasheet HTML 49Page - Freescale Semiconductor, Inc SPC5704BECLU Datasheet HTML 50Page - Freescale Semiconductor, Inc SPC5704BECLU Datasheet HTML 51Page - Freescale Semiconductor, Inc SPC5704BECLU Datasheet HTML 52Page - Freescale Semiconductor, Inc SPC5704BECLU Datasheet HTML 53Page - Freescale Semiconductor, Inc SPC5704BECLU Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 98 page
background image
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
50
3.5
DC Electrical Specifications
3.6
I/O Pad Electrical Characteristics
3.6.1
I/O Pad Types
The device provides four main I/O pad types depending of the associated alternate functions:
•
Slow pads are the most common pads, providing a good compromise between transition time and low electromagnetic
emission.
•
Medium pads provide fast enough transition for the serial communication channels with controlled current to reduce
electromagnetic emission.
•
Fast pads provide maximum speed. There are used for improved NEXUS debugging capability.
Medium and Fast pads can use slow configuration to reduce electromagnetic emission, at the cost of reducing AC performance.
3.6.2
I/O Input DC Characteristics
Table 17 provides input DC electrical characteristics as described in Figure 6.
Figure 6. I/O Input DC Electrical Characteristics Definition
Table 17. I/O Input DC Electrical Characteristics
Symbol
Parameter
Conditions1
Value2
Unit
Min
Typ
Max
VIH
SR
Input high level CMOS
Schmitt Trigger
0.65VDD
VDD+0.4
V
VIL
SR
Input low level CMOS
Schmitt Trigger
-0.4
0.35VDD
VHYS
CC3 Input hysteresis CMOS
Schmitt Trigger
0.1VDD
VIL
VIN
VIH
VINTERNAL
VDD
VHYS
(SIU register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com