Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS309 Datasheet(PDF) 3 Page - Baumer IVO GmbH & Co. KG

Part # FS309
Description  Preset counters electromechanic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

FS309 Datasheet(HTML) 3 Page - Baumer IVO GmbH & Co. KG

  FS309 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG FS309 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG FS309 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG FS309 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.baumerivo.com
Preset counters electromechanic
3
www.baumerivo.com
www.baumerivo.com
FS309, FS319, FS329
1 preset, subtracting, permanent precontact
Display 5 digits, manual/electric reset
Part number
FS309.
Precontact
B Without permanent precontact
K With permanent precontact
Voltage
A3 24 VDC
A5 24 VAC
A8 110 VAC
A9 230 VAC
Reset
550A
With button reset and electric reset
551A
With button reset and electric reset,
permanent precontact
FS319.
Precontact
B Without permanent precontact
K With permanent precontact
Voltage
A3 24 VDC
A5 24 VAC
A8 110 VAC
A9 230 VAC
Reset
550A
With button reset and electric reset
551A
With button reset and electric reset,
permanent precontact
FS329.
Precontact
B Without permanent precontact
K With permanent precontact
Voltage
A3 24 VDC
A5 24 VAC
A8 110 VAC
A9 230 VAC
Reset
550A
With button reset and electric reset
551A
With button reset and electric reset,
permanent precontact
Front panel with screw mount
Front panel with screw mount
Front panel with spring clips mount



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com