Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH112ID Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSH112ID
Description  WIDE BAND, LOW NOISE OPERATIONAL AMPLIFIERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH112ID Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSH112ID Datasheet HTML 8Page - STMicroelectronics TSH112ID Datasheet HTML 9Page - STMicroelectronics TSH112ID Datasheet HTML 10Page - STMicroelectronics TSH112ID Datasheet HTML 11Page - STMicroelectronics TSH112ID Datasheet HTML 12Page - STMicroelectronics TSH112ID Datasheet HTML 13Page - STMicroelectronics TSH112ID Datasheet HTML 14Page - STMicroelectronics TSH112ID Datasheet HTML 15Page - STMicroelectronics TSH112ID Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
TSH110-TSH111-TSH112-TSH113-TSH114
12/19
(fig.25): Group Delay
AV=+2, Rfb=680Ω, Cfb=2pF, RL=100Ω
(fig.27): Frequency Response vs. Load
AV=+2, Rfb=680Ω, Cfb=2pF, VCC=±2.5V, (fig.29)
(fig.29): Capacitive Load Schematic.
measurements on (fig.27) and (fig.28)
(fig.26): Gain Flatness
AV=+2, Rfb=680Ω, Cfb=2pF, RL=100Ω
(fig.28): Frequency Response vs. Load
AV=+2, Rfb=680Ω, Cfb=2pF, VCC=±6V, (fig.29)
0.1
1
10
1 00
2
3
4
5
6
7
8
Vcc=±6V
Vcc=± 2.5V
Frequency (MHz)
1
1 0
100
0
1
2
3
4
5
6
7
C=30pF Rs=39
C=100pF Rs=12
C=1nF Rs=5
Frequency (MHz)
+
_
RG
680
Ω
1k
Ω
OUT
Rs(
Ω)
Rfb, 680
Ω
Cfb 2pF
TSH11x
C
+
_
RG
680
Ω
1k
Ω
OUT
Rs(
Ω)
Rfb, 680
Ω
Cfb 2pF
TSH11x
C
1k
10k
100k
1M
10M
100M
5.90
5.95
6.00
6.05
6.10
6.15
6.20
6.25
6.30
Vcc=±6V
Vcc=±2.5V
Frequency (Hz)
110
1 00
0
1
2
3
4
5
6
7
C=30pF Rs=30
C=100pF Rs=12
C=1nF Rs=6
Frequency (M Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com