Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH512CF Datasheet(PDF) 18 Page - STMicroelectronics

Part # TSH512CF
Description  HiFi stereo/mono infrared transmitter Stereo sub-carrier generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH512CF Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TSH512CF Datasheet HTML 11Page - STMicroelectronics TSH512CF Datasheet HTML 12Page - STMicroelectronics TSH512CF Datasheet HTML 13Page - STMicroelectronics TSH512CF Datasheet HTML 14Page - STMicroelectronics TSH512CF Datasheet HTML 15Page - STMicroelectronics TSH512CF Datasheet HTML 16Page - STMicroelectronics TSH512CF Datasheet HTML 17Page - STMicroelectronics TSH512CF Datasheet HTML 18Page - STMicroelectronics TSH512CF Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
TSH512
18/19
APPLICATION SCHEMATIC
The Electret Condenser Microphone is biased with MIC-BIAS1 voltage. The audio signal is transmitted on
the left channel using a 2.8 MHz carrier. The VOX activates the transmitter TX1 when the audio signal is
present. The audio signal at line level is attenuated and is transmitted by the second transmitter TX2 at
2.3 MHz.
R25
3K9
R38
39k
C27
nc
C9
470nF
R34
100K
1K
C28
470pF
C34
2nF2
P4
50K
C7
100nF
C14
470nF
C13
470nF
VCC
R44
22K
C42
56pF
C44
56pF
D2
C50
12pF
L4
R9
47K
VCC
C46
82pF
C41
56pF
C32
nc
L6
nc
C16
220nF
R26
33K
C10
470nF
VCC
C15
470nF
R24
1K
C17
1uF
C57
10uF
P5
220K
MIC1
MICRO
J20
VCC
R37
390
C26
nc
R33
100K
C25
470pF
C24
2nF2
P3
C6
100nF
C11
470nF
C12
470nF
VCC
R43
22K
C39
56pF
C43
56pF
C37
D1
C49
12pF
R6
47K
VCC
C45
680pF
C40
56pF
C56
L5
C20
1uF
J7
RCA
C8
470nF
VCC
C53
22nF
C52
22nF
D4
TSFP5400
Q2
BC847
VCC-LED
D3
TSFP5400
Q1
BC847
VCC-LED
INPUT LINE
TX2 (RIGHT)
A
B
TX2
ON
OFF
J20
A
B
C21
1uF
VCC
L3
120uF
C59
nc
C55
R1
10K
R2
1K
C5
100nF
C4
100nF
33K
C33
1uF
C23
1uF
TX1 = 2.8MHz
TX2 = 2.3MHz
C58
100nF
Reject filter 2.3MHz
Reject filter 2.8MHz
(optional)
(optional)
DEC2
1
MIC-BIAS2
2
GND
3
VCC
4
SBY
5
VOX-INTS
6
VOX-SENS
7
VCC
8
GND
9
MIC-BIAS1
10
DEC1
11
GND
23
BUF-IN1
24
BUF-OUT1
25
VCC
26
VOX-MUTE
27
VOX-INTN
28
VOX-TIMER
29
GND
30
BUF-OUT2
31
BUF-IN2
32
GND
33
LNA
+
-
+
-
ALC
PEA
LNA
PEA
VOX
+
-
Monostable
ALC
IC?
TSH512-B
.
.
TSH512
R25
3K9
R38
39k
C27
nc
C9
470nF
R34
100K
1K
C28
470pF
C34
2nF2
P4
50K
C7
100nF
C14
470nF
C13
470nF
VCC
R44
22K
C42
56pF
C44
56pF
D2
C50
12pF
L4
R9
47K
VCC
C46
82pF
C41
56pF
C32
nc
L6
nc
C16
220nF
R26
33K
C10
470nF
VCC
C15
470nF
R24
1K
C17
1uF
C57
10uF
P5
220K
MIC1
MICRO
J20
VCC
R37
390
C26
nc
R33
100K
C25
470pF
C24
2nF2
P3
C6
100nF
C11
470nF
C12
470nF
VCC
R43
22K
C39
56pF
C43
56pF
C37
D1
C49
12pF
R6
47K
VCC
C45
680pF
C40
56pF
C56
L5
C20
1uF
J7
RCA
C8
470nF
VCC
C53
22nF
C52
22nF
D4
TSFP5400
Q2
BC847
VCC-LED
D3
TSFP5400
Q1
BC847
VCC-LED
INPUT LINE
TX2 (RIGHT)
A
B
TX2
ON
OFF
J20
A
B
C21
1uF
VCC
L3
120uF
C59
nc
C55
R1
10K
R2
1K
C5
100nF
C4
100nF
33K
C33
1uF
C23
1uF
TX1 = 2.8MHz
TX2 = 2.3MHz
C58
100nF
Reject filter 2.3MHz
Reject filter 2.8MHz
(optional)
(optional)
DEC2
1
MIC-BIAS2
2
GND
3
VCC
4
SBY
5
VOX-INTS
6
VOX-SENS
7
VCC
8
GND
9
MIC-BIAS1
10
DEC1
11
GND
23
BUF-IN1
24
BUF-OUT1
25
VCC
26
VOX-MUTE
27
VOX-INTN
28
VOX-TIMER
29
GND
30
BUF-OUT2
31
BUF-IN2
32
GND
33
LNA
+
-
+
-
ALC
PEA
LNA
PEA
VOX
+
-
Monostable
ALC
IC?
TSH512-B
.
.
TSH512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com