Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G080 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # G080
Description  Special Encoders & Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

G080 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  G080 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG G080 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.baumerivo.com
Special Encoders & Sensors
1
www.baumerivo.com
www.baumerivo.com
G 080 surface mount housing
Features
Encoder with mechanical contact
–
As trigger for electromechanical counters
–
Impulse voltage 12...230 VAC/VDC
–
Surface mount housing (for measuring wheel)
–
Ratio up to one revolution = 15 impulses
–
Reduction ratio up to 5 revolutions = 1 impulse
–
High switching capacity
–
Sturdy design
–
Technical data - electrical ratings
Voltage supply
12...220 V
Resolution (steps/turn)
0.2...15
Operating mode
Pulse emission in both
rotational directions
Contact load
≤30 W (100 VA)
≤230 V (approx. 2 A)
Sensing method
Mechanic
Output frequency
≤0.025 kHz
Output signals
Contact
G 080
Technical data - mechanical design
Housing
ø73 mm
Shaft
ø7 mm (sinter bronze slide
bearing)
Protection DIN EN 60529 IP 52
Operating speed
≤1500 rpm
Starting torque
≤0.02 Nm IP 30
Material
Housing: GFV Polycarbonat
Operating temperature
-10...+60 °C
Relative humidity
95 % non-condensing
Weight approx.
250 g
E-connection
Cable
Contact encoder, surface mount housing
Impulse ratio 1 rev. = 15 impulses up to 5 rev. = 1 impulse


Similar Part No. - G080

ManufacturerPart #DatasheetDescription
logo
Goford Semiconductor
G080N06K GOFORD-G080N06K Datasheet
661Kb / 6P
N-Channel Enhancement Mode Power MOSFET
G080N10M GOFORD-G080N10M Datasheet
1,017Kb / 6P
N-Channel Enhancement Mode Power MOSFET
G080N10T GOFORD-G080N10T Datasheet
1Mb / 6P
N-Channel Enhancement Mode Power MOSFET
G080P06M GOFORD-G080P06M Datasheet
887Kb / 6P
P-Channel Enhancement Mode Power MOSFET
G080P06T GOFORD-G080P06T Datasheet
923Kb / 6P
P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - G080

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
G305 IVO-G305 Datasheet
342Kb / 2P
Special Encoders & Sensors
GCI0K IVO-GCI0K Datasheet
494Kb / 6P
Special Encoders & Sensors
GCI0L IVO-GCI0L Datasheet
250Kb / 4P
Special Encoders & Sensors
GCM2K IVO-GCM2K Datasheet
464Kb / 3P
Special Encoders & Sensors
GNAMG IVO-GNAMG Datasheet
678Kb / 4P
Special Encoders & Sensors
logo
Sensortechnics GmbH
RPUM050G6B SENSORTECHNICS-RPUM050G6B Datasheet
181Kb / 16P
Pressure sensors with special fittings
logo
ASM GmbH
PRAS1 ASM-SENSOR-PRAS1 Datasheet
2Mb / 52P
Angle Sensors and Encoders Contents
logo
Vishay Siliconix
NTCLE400 VISHAY-NTCLE400 Datasheet
95Kb / 6P
NTC Thermistors, Special Long Lead Sensors
03-May-11
logo
Omron Electronics LLC
E3C-1 OMRON-E3C-1 Datasheet
883Kb / 18P
Special-Purpose Photoelectric Sensors
E3C-S10 OMRON-E3C-S10 Datasheet
930Kb / 18P
Special-Purpose Photoelectric Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com