Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PB709ASL Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 2PB709ASL
Description  45 V, 100 mA PNP general-purpose transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PB709ASL Datasheet(HTML) 1 Page - NXP Semiconductors

  2PB709ASL Datasheet HTML 1Page - NXP Semiconductors 2PB709ASL Datasheet HTML 2Page - NXP Semiconductors 2PB709ASL Datasheet HTML 3Page - NXP Semiconductors 2PB709ASL Datasheet HTML 4Page - NXP Semiconductors 2PB709ASL Datasheet HTML 5Page - NXP Semiconductors 2PB709ASL Datasheet HTML 6Page - NXP Semiconductors 2PB709ASL Datasheet HTML 7Page - NXP Semiconductors 2PB709ASL Datasheet HTML 8Page - NXP Semiconductors 2PB709ASL Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1.
Product profile
1.1 General description
PNP general-purpose transistors in a small SOT23 (TO-236AB) Surface-Mounted
Device (SMD) plastic package.
[1]
/DG: halogen-free
1.2 Features
I General-purpose transistors
I Two current gain selections
I AEC-Q101 qualified
I Small SMD plastic package
1.3 Applications
I General-purpose switching and amplification
1.4 Quick reference data
2PB709ARL; 2PB709ASL
45 V, 100 mA PNP general-purpose transistors
Rev. 01 — 12 November 2008
Product data sheet
Table 1.
Product overview
Type number[1]
Package
NPN complement
NXP
JEDEC
2PB709ARL
SOT23
TO-236AB
2PD601ARL
2PB709ASL
2PD601ASL
2PB709ARL/DG
SOT23
TO-236AB
2PD601ARL/DG
2PB709ASL/DG
2PD601ASL/DG
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
−45
V
IC
collector current
-
-
−100 mA
hFE
DC current gain
VCE = −10 V;
IC = −2mA
hFE group R
210
-
340
hFE group S
290
-
460


Similar Part No. - 2PB709ASL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
2PB709ASL NEXPERIA-2PB709ASL Datasheet
614Kb / 9P
45 V, 100 mA PNP general-purpose transistors
Rev. 01 - 12 November 2008
2PB709ASL/DG NEXPERIA-2PB709ASL/DG Datasheet
614Kb / 9P
45 V, 100 mA PNP general-purpose transistors
Rev. 01 - 12 November 2008
More results

Similar Description - 2PB709ASL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC857XMB PHILIPS-BC857XMB_15 Datasheet
389Kb / 14P
45 V, 100 mA PNP general-purpose transistors
Rev. 1-21 February 2012
logo
Nexperia B.V. All right...
BC807K NEXPERIA-BC807K Datasheet
349Kb / 24P
45 V, 500 mA PNP general-purpose transistors
BC847RAPN NEXPERIA-BC847RAPN Datasheet
264Kb / 13P
45 V, 100 mA NPN/PNP general-purpose double transistors
BC857RA NEXPERIA-BC857RA Datasheet
240Kb / 11P
45 V, 100 mA PNP/PNP general-purpose double transistors
BC857XMB NEXPERIA-BC857XMB Datasheet
1Mb / 14P
45 V, 100 mA PNP general-purpose transistors
BC857XQA NEXPERIA-BC857XQA Datasheet
1Mb / 15P
45 V, 100 mA PNP general-purpose transistors
2PB709ARL NEXPERIA-2PB709ARL Datasheet
614Kb / 9P
45 V, 100 mA PNP general-purpose transistors
Rev. 01 - 12 November 2008
BC807QC_SER NEXPERIA-BC807QC_SER Datasheet
320Kb / 14P
45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 4 January 2021
BC857XMB_SER NEXPERIA-BC857XMB_SER Datasheet
1Mb / 14P
45 V, 100 mA PNP general-purpose transistors
Rev. 1 - 21 February 2012
BC857XQA_SER NEXPERIA-BC857XQA_SER Datasheet
1Mb / 15P
45 V, 100 mA PNP general-purpose transistors
Rev. 1 - 26 August 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com