Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PD602ASL Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 2PD602ASL
Description  50 V, 500 mA NPN general-purpose transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PD602ASL Datasheet(HTML) 4 Page - NXP Semiconductors

  2PD602ASL Datasheet HTML 1Page - NXP Semiconductors 2PD602ASL Datasheet HTML 2Page - NXP Semiconductors 2PD602ASL Datasheet HTML 3Page - NXP Semiconductors 2PD602ASL Datasheet HTML 4Page - NXP Semiconductors 2PD602ASL Datasheet HTML 5Page - NXP Semiconductors 2PD602ASL Datasheet HTML 6Page - NXP Semiconductors 2PD602ASL Datasheet HTML 7Page - NXP Semiconductors 2PD602ASL Datasheet HTML 8Page - NXP Semiconductors 2PD602ASL Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2PD602AXL_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 27 October 2008
4 of 9
NXP Semiconductors
2PD602AxL
50 V, 500 mA NPN general-purpose transistors
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard
Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off current VCB =60V; IE = 0 A
--10
nA
VCB =60V; IE =0A;
Tj = 150 °C
--5
µA
IEBO
emitter-base cut-off current
VEB =4V; IC = 0 A
--10
nA
hFE
DC current gain
VCE =10V;
IC = 500 mA
[1] 40
-
-
hFE group Q
VCE =10V;
IC = 150 mA
[1] 85
-
170
hFE group R
VCE =10V;
IC = 150 mA
[1] 120
-
240
hFE group S
VCE =10V;
IC = 150 mA
[1] 170
-
340
VCEsat
collector-emitter saturation
voltage
IC = 300 mA;
IB =30mA
[1] -
-
600
mV
fT
transition frequency
VCE =10V;
IC = 50 mA;
f = 100 MHz
[1]
hFE group Q
140
-
-
MHz
hFE group R
160
-
-
MHz
hFE group S
180
-
-
MHz
Cc
collector capacitance
VCB =10V;
IE =ie =0A;
f=1MHz
--15
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com