Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC02 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC02
Description  Quad 2-input NOR gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC02 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC02 Datasheet HTML 1Page - NXP Semiconductors 74HC02 Datasheet HTML 2Page - NXP Semiconductors 74HC02 Datasheet HTML 3Page - NXP Semiconductors 74HC02 Datasheet HTML 4Page - NXP Semiconductors 74HC02 Datasheet HTML 5Page - NXP Semiconductors 74HC02 Datasheet HTML 6Page - NXP Semiconductors 74HC02 Datasheet HTML 7Page - NXP Semiconductors 74HC02 Datasheet HTML 8Page - NXP Semiconductors 74HC02 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
74HC_HCT02_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 18 September 2008
2 of 15
NXP Semiconductors
74HC02; 74HCT02
Quad 2-input NOR gate
4.
Functional diagram
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one gate)
mna216
1A
1B
1Y
3
2
1
2A
2B
2Y
6
5
4
3A
3B
3Y
9
8
10
4A
4B
4Y
12
11
13
001aah084
2
1
3
5
4
≥1
6
≥1
8
10
≥1
9
11
13
≥1
12
mna215
A
B
Y
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as a
supply pin or input.
Fig 4.
Pin configuration DIP14, SO14 and (T)SSOP14
Fig 5.
Pin configuration DHVQFN14
02
1Y
VCC
1A
4Y
1B
4B
2Y
4A
2A
3Y
2B
3B
GND
3A
001aac919
1
2
3
4
5
6
7
8
10
9
12
11
14
13
001aac920
02
Transparent top view
2B
3B
2A
3Y
2Y
4A
1B
4B
1A
4Y
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
GND(1)
Table 2.
Pin description
Symbol
Pin
Description
1Y to 4Y
1, 4, 10, 13
data output
1A to 4A
2, 5, 8, 11
data input
1B to 4B
3, 6, 9,12
data input
GND
7
ground (0 V)
VCC
14
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com