Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GCM2S Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # GCM2S
Description  Absolute encoders - SSI
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GCM2S Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  GCM2S Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GCM2S Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GCM2S Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GCM2S Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.baumerivo.com
Absolute encoders - SSI
1
www.baumerivo.com
www.baumerivo.com
GCM2S with end shaft
Features
Encoder multiturn / SSI
–
Magnetic sensing
–
Resolution: singleturn 12 bit, multiturn 12 bit
–
End shaft ø12 mm
–
Encoder for heavy-duty applications
–
New innovative sensing technology
–
Electronic setting of zero point
–
Technical data - electrical ratings
Voltage supply
10...30 VDC
Reverse polarity protection Yes
Consumption w/o load
≤50 mA (24 VDC)
Initializing time (typ.)
200 ms after power on
Interface
SSI
Steps per turn
4096 / 12 bit
Number of turns
4096 / 12 bit
Absolute accuracy
±1°
Sensing method
Magnetic
Code
Gray or binary
Code sequence
CW/CCW coded by connection
Inputs
SSI clock
Control signals UP/DOWN and
zero
Output circuit
SSI data linedriver RS485
Diagnostic outputs push-pull
Interference immunity
DIN EN 61000-6-2
Emitted interference
DIN EN 61000-6-4
Diagnostic functions
Self-diagnosis
Code continuity check
Multiturn sensing
Approval
UL approval / E63076
GCM2S - SSI
Technical data - mechanical design
Housing
ø58 mm
Shaft
ø12 mm end shaft
Protection DIN EN 60529 IP 54
Operating speed
≤6000 rpm (mechanical)
≤6000 rpm (electric)
Starting torque
≤0.015 Nm
Rotor moment of inertia
20 gcm²
Materials
Housing: steel
Flange: steel
Operating temperature
-25...+85 °C
-40...+85 °C (optional)
Relative humidity
95 % non-condensing
Resistance
DIN EN 60068-2-6
Vibration 10 g, 16-2000 Hz
DIN EN 60068-2-27
Shock 200 g, 6 ms
Weight approx.
600 g
E-connection
Connector, 12-pin
End shaft ø12 mm
Magnetic multiturn encoder 12 bit ST / 12 bit MT


Similar Part No. - GCM2S

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM2135C5C0JR50D MURATA-GCM2135C5C0JR50D Datasheet
29Kb / 2P
Chip Monolithic Ceramic Capacitors
GCM2135C5C1AR50D MURATA-GCM2135C5C1AR50D Datasheet
29Kb / 2P
Chip Monolithic Ceramic Capacitors
GCM2135C5C1CR50D MURATA-GCM2135C5C1CR50D Datasheet
29Kb / 2P
Chip Monolithic Ceramic Capacitors
GCM2135C5C2WR50D MURATA-GCM2135C5C2WR50D Datasheet
29Kb / 2P
Chip Monolithic Ceramic Capacitors
GCM2137U5C0JR50D MURATA-GCM2137U5C0JR50D Datasheet
29Kb / 2P
Chip Monolithic Ceramic Capacitors
More results

Similar Description - GCM2S

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
G0M2H IVO-G0M2H Datasheet
597Kb / 4P
Absolute encoders - SSI
G1M2H IVO-G1M2H Datasheet
630Kb / 4P
Absolute encoders - SSI
G1S2B IVO-G1S2B Datasheet
637Kb / 4P
Absolute encoders - SSI
GA240.030A005 IVO-GA240.030A005 Datasheet
649Kb / 4P
Absolute encoders - SSI
GCM2W IVO-GCM2W Datasheet
641Kb / 4P
Absolute encoders - SSI
GE400 IVO-GE400 Datasheet
592Kb / 4P
Absolute encoders - SSI
GXA2S IVO-GXA2S Datasheet
653Kb / 4P
Absolute encoders - SSI
GXM2S IVO-GXM2S Datasheet
655Kb / 4P
Absolute encoders - SSI
GXP2W IVO-GXP2W Datasheet
666Kb / 4P
Absolute encoders - SSI
X700-SSI IVO-X700-SSI Datasheet
568Kb / 4P
Absolute encoders - SSI
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com