Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GCMMW Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # GCMMW
Description  Absolute encoders - modular bus covers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GCMMW Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  GCMMW Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GCMMW Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GCMMW Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GCMMW Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Absolute encoders - modular bus covers
www.baumerivo.com
2
GCMMW - magtivo
Part number
GCMMW.
20
Interface
3P32
Profibus-DPV0 / cable gland
3PA2
Profibus-DPV0 / connector
M12
3V32
Profibus-DPV2 / cable gland
3VA2
Profibus-DPV2 / connector
M12
EPA2 EtherCAT / connector M12
5P32
CANopen / cable gland
5PA2
CANopen / connector M12
8P22
DeviceNet / cable gland
8PA2
DeviceNet / connector M12
LM32 Fiber-optic / cable gland
2PA2
SSI / connector M12
Flange / Shaft
0 Clamping flange / ø10 mm IP 54
A Clamping flange / ø10 mm IP 65
1 Synchro flange / ø6 mm IP 54
B Synchro flange / ø6 mm IP 65
Magnetical sensing, shaft
Multiturn encoder 12 bit ST / 16 bit MT
CANopen / DeviceNet / EtherCAT / Profibus / SSI / Lightbus
Accessories
Connectors and cables
Z 119.034
Connector for data cable fibre-optic
Mounting accessories
Z 119.006
Eccentric fixing, single
Z 119.013
Adaptor plate for clamping flange for
modification into synchro flange
Z 119.015
Mounting adaptor for synchro flange
Z 119.017
Mounting angle for clamping flange
Z 119.025
Adaptor plate for clamping flange, mounting
by eccentric fixings (order separately)
Z 119.035
Bearing flange for encoders with synchro
flange
Programming accessories
Z 150.022
CD with describing files & manuals
Z 139.008
Programming cable for encoders with SSI bus
cover, CD with software and manual
CD with file descriptions is not included in the delivery.
You may order them on CD as accessory free-of-charge
under part number Z 150.022.
Matching bus covers are listed in the chapter “Accessories”.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com