Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVTH574DB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVTH574DB
Description  3.3 V octal D-type flip-flop; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVTH574DB Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVTH574DB Datasheet HTML 1Page - NXP Semiconductors 74LVTH574DB Datasheet HTML 2Page - NXP Semiconductors 74LVTH574DB Datasheet HTML 3Page - NXP Semiconductors 74LVTH574DB Datasheet HTML 4Page - NXP Semiconductors 74LVTH574DB Datasheet HTML 5Page - NXP Semiconductors 74LVTH574DB Datasheet HTML 6Page - NXP Semiconductors 74LVTH574DB Datasheet HTML 7Page - NXP Semiconductors 74LVTH574DB Datasheet HTML 8Page - NXP Semiconductors 74LVTH574DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
74LVT_LVTH574_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 11 September 2008
2 of 16
NXP Semiconductors
74LVT574; 74LVTH574
3.3 V octal D-type flip-flop; 3-state
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVT574D
−40 °C to +85 °C
SO20
plastic small outline package; 20 leads;
body width 7.5 mm
SOT163-1
74LVTH574D
74LVT574DB
−40 °C to +85 °C
SSOP20
plastic shrink small outline package; 20 leads;
body width 5.3 mm
SOT339-1
74LVTH574DB
74LVT574PW
−40 °C to +85 °C
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
74LVTH574PW
74LVT574BQ
−40 °Cto+85 °C
DHVQFN20
plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 20 terminals;
body 2.5
× 4.5 × 0.85 mm
SOT764-1
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram
mna798
D0
D1
D2
D3
D4
D5
D6
D7
OE
CP
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
11
1
12
13
14
15
16
17
18
19
9
8
7
6
5
4
3
2
001aae466
12
13
14
15
16
17
18
1
EN2
11
C1
1D
2
19
9
8
7
6
5
4
3
2
001aae467
D
CP
Q
D0
CP
OE
Q0
D
CP
Q
D1
Q1
D
CP
Q
D2
Q2
D
CP
Q
D3
Q3
D
CP
Q
D4
Q4
D
CP
Q
D5
Q5
D
CP
Q
D6
Q6
D
CP
Q
D7
Q7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com