Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH95 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSH95
Description  HIGH SPEED LOW POWER QUAD OPERATIONAL AMPLIFIER WITH DUAL STANDBY POSITION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH95 Datasheet(HTML) 2 Page - STMicroelectronics

  TSH95 Datasheet HTML 1Page - STMicroelectronics TSH95 Datasheet HTML 2Page - STMicroelectronics TSH95 Datasheet HTML 3Page - STMicroelectronics TSH95 Datasheet HTML 4Page - STMicroelectronics TSH95 Datasheet HTML 5Page - STMicroelectronics TSH95 Datasheet HTML 6Page - STMicroelectronics TSH95 Datasheet HTML 7Page - STMicroelectronics TSH95 Datasheet HTML 8Page - STMicroelectronics TSH95 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TSH95
2/9
SCHEMATIC DIAGRAM
MAXIMUM RATINGS
OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage 1)
1. All voltages values, except differential voltage are with respect to network ground terminal
14
V
Vid
Differential Input Voltage 2)
2. Differential voltages are the non-inverting input terminal with respect to the inverting input terminal
±5
V
Vi
Input Voltage 3)
3. The magnitude of input and output voltages must never exceed VCC
+ +0.3V
-0.3 to 12
V
Toper
Operating Free-Air Temperature range
-40 to +125
°C
Tstg
Storage Temperature Range
-65 to +150
°C
non inverting
input
inverting
input
V CC+
Cc
output
VCC-
V
Internal
ref
stdby
stdby
stdby
stdby
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
7 to 12
V
Vic
Common Mode Input Voltage Range
VCC
- +2 to V
CC
+ -1
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com