Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA659IDBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA659IDBVT
Description  Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA659IDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA659IDBVT Datasheet HTML 9Page - Texas Instruments OPA659IDBVT Datasheet HTML 10Page - Texas Instruments OPA659IDBVT Datasheet HTML 11Page - Texas Instruments OPA659IDBVT Datasheet HTML 12Page - Texas Instruments OPA659IDBVT Datasheet HTML 13Page - Texas Instruments OPA659IDBVT Datasheet HTML 14Page - Texas Instruments OPA659IDBVT Datasheet HTML 15Page - Texas Instruments OPA659IDBVT Datasheet HTML 16Page - Texas Instruments OPA659IDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Wideband, Inverting Gain Operation
Wideband, High-Sensitivity, Transimpedance
OPA659
R
OUT
0.1 F
m
10 F
m
0.1 F
m
10 F
m
50
Load
W
50
Source
W
R
T
R
G
V
IN
V
OUT
R
F
+6V
-6V
OPA659
R
OUT
0.1 F
m
10 F
m
0.1 F
m
10 F
m
50
Load
W
I
D
C
D
C
F
V
OUT
R
F
Photo
Diode
-V
B
l
+6V
-6V
OPA659
www.ti.com........................................................................................................................................................................................... SBOS342 – DECEMBER 2008
Figure 36 shows the noninverting input tied directly to
ground. Often, a bias current-cancelling resistor to
The circuit of Figure 36 shows the inverting gain test
ground is included here to nullify the dc errors caused
circuit
used
for
most
of
the
inverting
Typical
by input bias current effects. For a JFET input op
Characteristics graphs. As with the noninverting
amp such as the OPA659, the input bias currents are
applications, most of the curves were characterized
so low that dc errors caused by input bias currents
using signal sources with 50
Ω driving impedance,
are
negligible.
Thus,
no
bias
current-cancelling
and with measurement equipment that presents a
resistor is recommended at the noninverting input.
50
Ω load impedance. In Figure 36, the shunt resistor
RT at VIN should be set so the parallel combination of
the shunt resistor and RG equals 50Ω to match the
Design
source impedance of the test generator and cable,
while the series output resistor ROUT at VOUT should
The high GBP and low input voltage and current
also be set to 50
Ω to provide matching impedance for
noise for the OPA659 make it an ideal wideband,
the
measurement
equipment
load
and
cable.
transimpedance
amplifier
for
low
to
moderate
Generally, data sheet voltage swing specifications are
transimpedance gains. Higher transimpedance gains
measured at the output pin, VOUT, in Figure 36.
(above 100k
Ω) can benefit from the low input noise
current of a JFET input op amp such as the OPA659.
Designs that require high bandwidth from a large
area detector can benefit from the low input voltage
noise for the OPA659. This input voltage noise is
peaked up over frequency by the diode source
capacitance, and in many cases, may become the
limiting factor to input sensitivity. The key elements to
the design are the expected diode capacitance (CD)
with the reverse bias voltage (–VB) applied, the
desired transimpedance gain, RF, and the GBP for
the OPA659 (350MHz). Figure 37 shows a general
transimpedance amplifier circuit, or TIA, using the
OPA659. Given the source diode capacitance plus
parasitic input capacitance for the OPA659, the
transimpedance gain, and known GBP, the feedback
Figure 36. General Inverting Test Circuit
capacitor value, CF, may be calculated to avoid
excessive peaking in the frequency response.
The inverting circuit can also use a wide range of
resistor values to set the gain; Table 2 lists several
recommended resistor values for inverting gains with
a 50
Ω input/output match.
Table 2. Resistor Values for Inverting Gains with
50
Ω Input/Output Match
INVERTING
GAIN
RF
RG
RT
ROUT
–1
249
249
61.9
49.9
–2
249
124
84.5
49.9
–5
249
49.9
Open
49.9
–10
499
49.9
Open
49.9
Figure 37. Wideband, Low-Noise, Transimpedance
Amplifier (TIA)
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): OPA659



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com