Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GI352 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # GI352
Description  Incremental encoders
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GI352 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  GI352 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GI352 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GI352 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GI352 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Incremental encoders
www.baumerivo.com
2
GI352
Part number
GI352.
See part number (pulses)
E-connection
A0 MIL connector MS3102 R18-1P
10-pin, axial
A1 MIL connector MS3102 R18-1P
10-pin, radial
B0 MIL connector MS3102 R16S-1P
7-pin, axial
B1 MIL connector MS3102 R16S-1P
7-pin, radial
Voltage supply / signals
21 5 VDC / linedriver RS422 / 7-pin
22 5 VDC / linedriver RS422 / 10-pin
70 4.75...30 VDC / push-pull / 10-pin
71 4.75...30 VDC / push-pull / 7-pin
Flange / Shaft
1 Front panel 63.5 x 63.5 mm / 9.52 mm IP54
B Front panel 63.5 x 63.5 mm / 9.52 mm IP65
Part number (pulses)
49 (5)
57 (128)
22 (1000)
30 (2500)
36 (10)
06 (200)
23 (1024)
31 (3600)
50 (25)
09 (250)
24 (1250)
34 (4096)
39 (50)
13 (360)
26 (1500)
35 (5000)
40 (60)
14 (400)
28 (2000)
48 (6000)
41 (100)
15 (500)
29 (2048)
Shaft and flange in inch dimensions
Resolution 5...6000 pulses
Other pulse numbers upon request.
Example: ordering key 23 = 1024 pulses



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com