Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM1011 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSM1011
Description  Constant Voltage and Constant Current Controller for Battery Chargers and Adapters
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM1011 Datasheet(HTML) 2 Page - STMicroelectronics

  TSM1011 Datasheet HTML 1Page - STMicroelectronics TSM1011 Datasheet HTML 2Page - STMicroelectronics TSM1011 Datasheet HTML 3Page - STMicroelectronics TSM1011 Datasheet HTML 4Page - STMicroelectronics TSM1011 Datasheet HTML 5Page - STMicroelectronics TSM1011 Datasheet HTML 6Page - STMicroelectronics TSM1011 Datasheet HTML 7Page - STMicroelectronics TSM1011 Datasheet HTML 8Page - STMicroelectronics TSM1011 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TSM1011
PIN DESCRIPTIONS
2/9
1
PIN DESCRIPTIONS
SO8 & MiniSO8 Pinout
2
ABSOLUTE MAXIMUM RATINGS
3
OPERATING CONDITIONS
Name
Pin #
Type
Function
Vref
1
Analog Output
Voltage Reference
Cc-
2
Analog Input
Input pin of the operational amplifier
Cc+
3
Analog Input
Input pin of the operational amplifier
Cv-
4
Analog Input
Input pin of the operational amplifier
Cv+
5
Analog Input
Input pin of the operational amplifier
Gnd
6
Power Supply
Ground Line. 0V Reference For All Voltages
Out
7
Analog Output
Output of the two operational amplifier
Vcc
8
Power Supply
Power supply line.
Symbol
DC Supply Voltage
Value
Unit
Vcc
DC Supply Voltage (50mA =< Icc)
-0.3V to Vz
V
Vi
Input Voltage
-0.3 to Vcc
V
PT
Power dissipation
W
Toper
Operational temperature
0 to 105
°C
Tstg
Storage temperature
-55 to 150
°C
Tj
Junction temperature
150
°C
Iref
Voltage reference output current
10
mA
ESD
Electrostatic Discharge
2
KV
Rthja
Thermal Resistance Junction to Ambient Mini SO8 package
180
°C/W
Rthja
Thermal Resistance Junction to Ambient SO8 package
175
°C/W
Symbol
Parameter
Value
Unit
Vcc
DC Supply Conditions
4.5 to Vz
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com