Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GI355 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # GI355
Description  Incremental encoders
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GI355 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  GI355 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GI355 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GI355 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GI355 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Incremental encoders
www.baumerivo.com
2
GI355, GI356
Part number
GI355.
See part number (pulses)
E-connection
C2 Connector M23, 12-pin, axial
C3 Connector M23, 12-pin, radial
31 Cable 1 m, axial
41 Cable 1 m, radial
Voltage supply / signals
22 5 VDC / linedriver RS422
70 4.75...30 VDC / push-pull
72 4.75...30 VDC / linedriver
RS422 (5 VDC)
Flange / Shaft
0 Clamping flange / ø10 mm IP 54
A Clamping flange / ø10 mm IP 65
GI356.
See part number (pulses)
E-connection
C2 Connector M23, 12-pin, axial
C3 Connector M23, 12-pin, radial
31 Cable 1 m, axial
41 Cable 1 m, radial
Voltage supply / signals
22 5 VDC / linedriver RS422
70 4.75...30 VDC / push-pull
72 4.75...30 VDC / linedriver
RS422 (5 VDC)
Flange / Shaft
1 Synchro flange / ø6 mm IP 54
B Synchro flange / ø6 mm IP 65
Part number (pulses)
49 (5)
57 (128)
22 (1000)
30 (2500)
36 (10)
06 (200)
23 (1024)
31 (3600)
50 (25)
09 (250)
24 (1250)
34 (4096)
39 (50)
13 (360)
26 (1500)
35 (5000)
40 (60)
14 (400)
28 (2000)
48 (6000)
41 (100)
15 (500)
29 (2048)
Accessories
Connectors and cables
Z 141.001
Female connector M23, 12-pin, less cable
Z 141.003
Female connector M23, 12-pin, 2 m cable
Z 141.005
Female connector M23, 12-pin, 5 m cable
Z 141.007
Female connector M23, 12-pin, 10 m cable
Mounting accessories for GI355
Z 119.013
Adaptor plate for clamping flange for
modification into synchro flange
Z 119.017
Mounting angle for clamping flange
Z 119.025
Adaptor plate for clamping flange, mounting
by eccentric fixings (order separately)
Mounting accessories for GI356
Z 119.006
Eccentric fixing, single
Z 119.015
Mounting adaptor for synchro flange
Z 119.035
Bearing flange for encoders with synchro
flange
Shaft with clamping or synchro flange
Resolution 5...6000 pulses
Other pulse numbers upon request.
Example: ordering key 23 = 1024 pulses
Clamping flange
Synchro flange



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com