Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPI0W Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # GPI0W
Description  Incremental encoders
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GPI0W Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  GPI0W Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GPI0W Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.baumerivo.com
www.baumerivo.com
Incremental encoders
www.baumerivo.com
2
GPI0W
Part number
GPI0W.
10
See part number (pulses)
E-connection
12 Cable 2 m, axial
14 Cable 5 m, axial
16 Cable 10 m, axial
22 Cable 2 m, radial
24 Cable 5 m radial
26 Cable 10 m, radial
Voltage supply / signals
10 10...30 VDC / push-pull
Flange / Shaft
0 Clamping flange, mounting M3 / ø10 mm
1 Clamping flange, mounting M4 / ø10 mm
5 Synchro flange, mounting M4 / ø6 mm
Shaft with clamping or synchro flange, PTB approved
Resolution 50 or 500 pulses
Part number (pulses)
39 (50)
15 (500)
Example: ordering key 15 = 500 pulses.
Core colour Assignment
green
Track N (zero pulse)
blue
Track A
beige
Track B
black
GND (0 V)
brown
UB
Terminal assignment
Dimensions
120°
16
35
10 20
15
36f8
48±0.1
58
35
10 20
15
13
M3 x 5
Sychro flange
Clamping flange
120°
16
41
10
42±0.1
50h7
58
9
3
3
4
41
10
4
9
13
3
3
M4 x 7
Accessories
Mounting accessories (page %S)
Z 119.006
Eccentric fixing, single
Z 119.013
Adaptor plate for clamping flange for
modification into synchro flange
Z 119.015
Mounting adaptor for synchro flange
Z 119.017
Mounting angle for clamping flange
Z 119.025
Adaptor plate for clamping flange, mounting
by eccentric fixings (order separately)
Z 119.035
Bearing flange for encoders with synchro
flange
Outputs
Push-pull circuit-proof
Output level High
>UB -3 V (I = -20 mA)
Output level Low
<0.5 V (I = 20 mA)
Load High
<20 mA
Load Low
<20 mA
Trigger level



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com