Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2102 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # LPC2102
Description  Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2102 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button LPC2102 Datasheet HTML 19Page - NXP Semiconductors LPC2102 Datasheet HTML 20Page - NXP Semiconductors LPC2102 Datasheet HTML 21Page - NXP Semiconductors LPC2102 Datasheet HTML 22Page - NXP Semiconductors LPC2102 Datasheet HTML 23Page - NXP Semiconductors LPC2102 Datasheet HTML 24Page - NXP Semiconductors LPC2102 Datasheet HTML 25Page - NXP Semiconductors LPC2102 Datasheet HTML 26Page - NXP Semiconductors LPC2102 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LPC2101_02_03_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 7 October 2008
23 of 32
NXP Semiconductors
LPC2101/02/03
Single-chip 16-bit/32-bit microcontrollers
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
°C), nominal supply voltages.
[2]
Core and internal rail.
[3]
External rail.
[4]
The RTC typically fails when Vi(VBAT) drops below 1.6 V.
[5]
Including voltage on outputs in 3-state mode.
[6]
VDD(3V3) supply voltages must be present.
[7]
3-state outputs go into 3-state mode when VDD(3V3) is grounded.
[8]
Accounts for 100 mV voltage drop in all supply lines.
[9]
Allowed as long as the current limit does not exceed the maximum current allowed by the device.
[10] Minimum condition for VI = 4.5 V, maximum condition for VI = 5.5 V.
[11] Applies to P0.25:16.
[12] On pin VBAT.
[13] To VSS.
IBATpd
Power-down mode battery
supply current[12]
RTC clock = 32 kHz
(from RTCX pins);
Tamb =25 °C;
VDD(1V8) = 1.8 V;
Vi(VBAT) = 2.5 V
-
7
12
µA
VDD(1V8) = 1.8 V;
Vi(VBAT) = 3.0 V
-
8
12
µA
IBATact
active mode battery
supply current[12]
CCLK = 70 MHz;
PCLK = 17.5 MHz;
PCLK enabled to RTCK;
RTC clock = 32 kHz
(from RTCX pins);
Tamb =25 °C;
VDD(1V8) = 1.8 V;
Vi(VBAT) = 3.0 V
-
10
15
µA
I2C-bus pins
VIH
HIGH-level input voltage
0.7VDD(3V3) --V
VIL
LOW-level input voltage
-
-
0.3VDD(3V3) V
Vhys
hysteresis voltage
-
0.5VDD(3V3) -V
VOL
LOW-level output voltage
IOLS =3mA
[8] -
-
0.4
V
ILI
input leakage current[13]
VI =VDD(3V3)
-2
4
µA
VI = 5 V
-
10
22
µA
Oscillator pins
Vi(XTAL1)
input voltage on pin XTAL1
0
-
1.8
V
Vo(XTAL2)
output voltage on pin
XTAL2
0
-
1.8
V
Vi(RTCX1)
input voltage on pin
RTCX1
0
-
1.8
V
Vo(RTCX2) output voltage on pin
RTCX2
0
-
1.8
V
Table 5.
Static characteristics …continued
Tamb= −40 °C to +85 °C for commercial applications, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com