Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2220 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC2220
Description  16/32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2220 Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC2220 Datasheet HTML 1Page - NXP Semiconductors LPC2220 Datasheet HTML 2Page - NXP Semiconductors LPC2220 Datasheet HTML 3Page - NXP Semiconductors LPC2220 Datasheet HTML 4Page - NXP Semiconductors LPC2220 Datasheet HTML 5Page - NXP Semiconductors LPC2220 Datasheet HTML 6Page - NXP Semiconductors LPC2220 Datasheet HTML 7Page - NXP Semiconductors LPC2220 Datasheet HTML 8Page - NXP Semiconductors LPC2220 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
LPC2210_2220_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 11 December 2008
2 of 50
NXP Semiconductors
LPC2210/2220
16/32-bit ARM microcontrollers
N LPC2210/01 and LPC2220 only: UART0/1 include fractional baud rate generator,
auto-bauding capabilities, and handshake flow-control fully implemented in
hardware.
I Vectored Interrupt Controller (VIC) with configurable priorities and vector addresses.
I Configurable external memory interface with up to four banks, each up to 16 MB and
8/16/32-bit data width.
I Up to 76 general purpose pins (5 V tolerant) capable. Up to nine edge/level sensitive
external interrupt pins available.
N LPC2210/01 and LPC2220 only: Fast GPIO ports enable port pin toggling up to 3.5
times faster than the original device. They also allow for a port pin to be read at any
time regardless of its function.
I 60 MHz (LPC2210) and 75 MHz (LPC2210/01 and LPC2220) maximum CPU clock
available from programmable on-chip Phase-Locked Loop (PLL) with settling time of
100
µs.
I On-chip integrated oscillator operates with external crystal in range of 1 MHz to
25 MHz and with external oscillator up to 25 MHz.
I Power saving modes include Idle and Power-down.
I Processor wake-up from Power-down mode via external interrupt.
I Individual enable/disable of peripheral functions for power optimization.
I Dual power supply:
N CPU operating voltage range of 1.65 V to 1.95 V (1.8 V ± 0.15 V).
N I/O power supply range of 3.0 V to 3.6 V (3.3 V ± 10 %) with 5 V tolerant I/O pads.
16/32-bit ARM7TDMI-S processor.
3.
Ordering information
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC2210FBD144
LQFP144
plastic low profile quad flat package; 144
leads; body 20
× 20 × 1.4 mm
SOT486-1
LPC2210FBD144/01
LQFP144
plastic low profile quad flat package; 144
leads; body 20
× 20 × 1.4 mm
SOT486-1
LPC2220FBD144
LQFP144
plastic low profile quad flat package; 144
leads; body 20
× 20 × 1.4 mm
SOT486-1
LPC2220FET144
TFBGA144
plastic thin fine-pitch ball grid array package;
144 balls; body 12
× 12 × 0.8 mm
SOT569-2
LPC2220FET144/G
TFBGA144
plastic thin fine-pitch ball grid array package;
144 balls; body 12
× 12 × 0.8 mm
SOT569-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com