Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168A Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168A
Description  24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3168A Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM3168A Datasheet HTML 17Page - Texas Instruments PCM3168A Datasheet HTML 18Page - Texas Instruments PCM3168A Datasheet HTML 19Page - Texas Instruments PCM3168A Datasheet HTML 20Page - Texas Instruments PCM3168A Datasheet HTML 21Page - Texas Instruments PCM3168A Datasheet HTML 22Page - Texas Instruments PCM3168A Datasheet HTML 23Page - Texas Instruments PCM3168A Datasheet HTML 24Page - Texas Instruments PCM3168A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
0
20
40
60
80
100
120
140
160
180
200
-
-
-
-
-
-
-
-
-
-
2.0
NormalizedFrequency(f )
S
0
0.5
1.0
1.5
DSM_Dual
DSM_Single
DF_Single
DF_Dual
0
20
40
60
80
100
120
140
160
180
200
-
-
-
-
-
-
-
-
-
-
2.0
NormalizedFrequency(f )
S
0
0.5
1.0
1.5
DSM_Dual
DSM_Single
DSM_Quad
DF_Dual
DF_Single
DF_Quad
PCM3168A
PCM3168A-Q1
www.ti.com ......................................................................................................................................................................................... SBAS452 – SEPTEMBER 2008
oversampling frequency of x64; this mode is supported for sampling frequencies less than 100 kHz. In quad rate
mode, the DAC operates at an oversampling frequency of x32. The sampling mode is automatically selected
according to the ratio of system clock frequency and sampling frequency by default (for example, single rate for
512 fS and 768 fS, dual rate for 256 fS and 384 fS, and quad rate for 128 fS and 192 fS), but manual selection is
also possible for specified combinations through the serial mode control resistor.
Table 5 and Figure 31 show the relation between the oversampling rate (OSR) of the
ΔΣ modulator, noise-free
shaped bandwidth, and each sampling mode setting for ADC operation. Table 6 and Figure 32 describe the
relation between the oversampling rate of the digital filter and
ΔΣ modulator, noise-free shaped bandwidth, and
each sampling mode setting for DAC operation.
Table 5. ADC Modulator OSR and Noise-Free Shaped Bandwidthfor Each Sampling Mode
NOISE-FREE SHAPED BANDWIDTH (kHz)
SAMPLING MODE
SYSTEM CLOCK RATE
REGISTER SETTING
(fS)
fS = 48 kHz
fS = 96 kHz
MODULATOR OSR
512, 768
40
N/A
x128
Auto
256, 384
20
40
x64
512, 768
40
N/A
x128
Single
256, 384
40
N/A
x128
Dual
256, 384
20
40
x64
Table 6. DAC Digital Filter OSR, Modulator OSR, and Noise-Free Shaped Bandwidth
for Each Sampling Mode
NOISE-FREE SHAPED
BANDWIDTH
SAMPLING MODE
SYSTEM CLOCK
fS = 48
fS = 96
fS = 192
REGISTER SETTING
RATE (fS)
kHz
kHz
kHz
DIGITAL FILTER OSR
MODULATOR OSR
512, 768
40
N/A
N/A
x8
x128
Auto
256, 384
20
40
N/A
x8
x64
128, 192(1)(2)
10
20
40
x4
x32
512, 768
40
N/A
N/A
x8
x128
Single
256, 384
40
N/A
N/A
x8
x128
128, 192(1)(2)
20
N/A
N/A
x4
x64
256, 384
20
40
N/A
x8
x64
Dual
128, 192(1)(2)
20
40
N/A
x4
x64
Quad
128, 192(1)(2)
10
20
40
x4
x32
(1)
Supported only by DAC operation.
(2)
Quad mode filter characteristic is applied.
Figure 31. ADC
ΔΣ Modulator and Digital Filter
Figure 32. DAC
ΔΣ Modulator and Digital Filter
Characteristic
Characteristic
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): PCM3168A PCM3168A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com