Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM104 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSM104
Description  QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM104 Datasheet(HTML) 1 Page - STMicroelectronics

  TSM104 Datasheet HTML 1Page - STMicroelectronics TSM104 Datasheet HTML 2Page - STMicroelectronics TSM104 Datasheet HTML 3Page - STMicroelectronics TSM104 Datasheet HTML 4Page - STMicroelectronics TSM104 Datasheet HTML 5Page - STMicroelectronics TSM104 Datasheet HTML 6Page - STMicroelectronics TSM104 Datasheet HTML 7Page - STMicroelectronics TSM104 Datasheet HTML 8Page - STMicroelectronics TSM104 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
®
N
DIP16
(Plastic Package)
OPERATIONAL AMPLIFIERS
.
LOW SUPPLY CURRENT : 375
µA/op.
(@ VCC = 5V)
.
LOW INPUT BIAS CURRENT : 20nA
.
MEDIUM SPEED : 0.9MHz
.
LOW INPUT OFFSET VOLTAGE : 0.5mV typ
for TSM104A
.
WIDE POWER SUPPLY RANGE :
±1.5V to
±15V
VOLTAGE REFERENCE
.
ADJUSTABLE OUTPUT VOLTAGE :
Vref to 36V
.
0.4% AND 1% VOLTAGE PRECISION
.
SINK CURRENT CAPABILITY : 1 to 100mA
.
TYPICAL OUTPUT IMPEDANCE : 0.2
DESCRIPTION
The TSM104 is a monolithic IC that includes four
op-amps and an adjustable shunt voltage refer-
ence. This device is offering space and cost saving
in many applications like power supply manage-
ment or data acquisition systems.
1
2
3
4
13
14
15
16
5
6
7
8
12
11
10
9
Output 1
Inverting Input 1
Non-inve rting Input 1
V
CC
+
Non-inve rting Input 2
Inverting Input 2
Output 2
Adjust
Output 4
Inverting Input
Non-inve rting Input 4
Non-inve rting Input 3
Inverting Input 3
Output 3
Ca thode
V
CC
-
PIN CONNECTIONS
QUAD OPERATIONAL AMPLIFIER AND
PROGRAMMABLE VOLTAGE REFERENCE
TSM104/A
ORDER CODES
Part number
Temperature Range
Package
ND
TSM104I/AI
-40
oC, +105oC
••
February1999
D
SO16
(Plastic Micropac
1/9


Similar Part No. - TSM104

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM104 STMICROELECTRONICS-TSM104 Datasheet
161Kb / 9P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
Jan-2003
TSM104A STMICROELECTRONICS-TSM104A Datasheet
160Kb / 9P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
Jan-2003
TSM104A STMICROELECTRONICS-TSM104A Datasheet
161Kb / 9P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
Jan-2003
TSM104W STMICROELECTRONICS-TSM104W Datasheet
160Kb / 9P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
Jan-2003
logo
Texas Instruments
TSM104W TI-TSM104W Datasheet
251Kb / 11P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
More results

Similar Description - TSM104

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM614 NSC-LM614 Datasheet
857Kb / 17P
Quad Operational Amplifier and Adjustable Reference
logo
STMicroelectronics
TSM104W STMICROELECTRONICS-TSM104W Datasheet
160Kb / 9P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
Jan-2003
logo
Texas Instruments
TSM104W TI-TSM104W Datasheet
251Kb / 11P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
logo
STMicroelectronics
TSM104 STMICROELECTRONICS-TSM104_03 Datasheet
161Kb / 9P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
Jan-2003
logo
Unisonic Technologies
UM604-A UTC-UM604-A Datasheet
168Kb / 7P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
logo
STMicroelectronics
TSM104WAIDT STMICROELECTRONICS-TSM104WAIDT Datasheet
162Kb / 9P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
Jan-2003
logo
Unisonic Technologies
UM604 UTC-UM604 Datasheet
168Kb / 7P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
logo
E-Tech Electronics LTD
UM604_A ETL-UM604_A Datasheet
168Kb / 7P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
logo
First Components Intern...
FTSM104A FCI-FTSM104A Datasheet
1Mb / 9P
Quad Operational Amplifier and Programmable Voltage Reference
logo
Unisonic Technologies
UM604A UTC-UM604A_17 Datasheet
187Kb / 6P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com