Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2387 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # LPC2387
Description  Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2387 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button LPC2387 Datasheet HTML 8Page - NXP Semiconductors LPC2387 Datasheet HTML 9Page - NXP Semiconductors LPC2387 Datasheet HTML 10Page - NXP Semiconductors LPC2387 Datasheet HTML 11Page - NXP Semiconductors LPC2387 Datasheet HTML 12Page - NXP Semiconductors LPC2387 Datasheet HTML 13Page - NXP Semiconductors LPC2387 Datasheet HTML 14Page - NXP Semiconductors LPC2387 Datasheet HTML 15Page - NXP Semiconductors LPC2387 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
LPC2387_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 29 October 2008
12 of 52
NXP Semiconductors
LPC2387
Single-chip 16-bit/32-bit microcontroller
P3[26]/MAT0[1]/
PWM1[3]
26[1]
I/O
P3[26] — General purpose digital input/output pin.
O
MAT0[1] — Match output for Timer 0, channel 1.
O
PWM1[3] — Pulse Width Modulator 1, output 3.
P4[0] to P4[31]
I/O
Port 4: Port 4 is a 32-bit I/O port with individual direction controls for each bit.
The operation of port 4 pins depends upon the pin function selected via the pin
connect block. Pins 0 through 27, 30, and 31 of this port are not available.
P4[28]/MAT2[0]/
TXD3
82[1]
I/O
P4[28] — General purpose digital input/output pin.
O
MAT2[0] — Match output for Timer 2, channel 0.
O
TXD3 — Transmitter output for UART3.
P4[29]/MAT2[1]/
RXD3
85[1]
I/O
P4[29] — General purpose digital input/output pin.
O
MAT2[1] — Match output for Timer 2, channel 1.
I
RXD3 — Receiver input for UART3.
TDO
1[1]
O
TDO — Test Data Out for JTAG interface.
TDI
2[1]
I
TDI — Test Data In for JTAG interface.
TMS
3[1]
I
TMS — Test Mode Select for JTAG interface.
TRST
4[1]
I
TRST — Test Reset for JTAG interface.
TCK
5[1]
I
TCK — Test Clock for JTAG interface. This clock must be slower than 1
⁄6 of the
CPU clock (CCLK) for the JTAG interface to operate.
RTCK
100[1]
I/O
RTCK — JTAG interface control signal.
Note: LOW on this pin while RESET is LOW enables ETM pins (P2[9:0]) to
operate as trace port after reset.
RSTOUT
14
O
RSTOUT — This is a 3.3 V pin. LOW on this pin indicates LPC2387 being in
Reset state.
Note: This pin is available in LPC2387FBD100 devices only (LQFP100
package).
RESET
17[7]
I
External reset input: A LOW on this pin resets the device, causing I/O ports and
peripherals to take on their default states, and processor execution to begin at
address 0. TTL with hysteresis, 5 V tolerant.
XTAL1
22[8]
I
Input to the oscillator circuit and internal clock generator circuits.
XTAL2
23[8]
O
Output from the oscillator amplifier.
RTCX1
16[8]
I
Input to the RTC oscillator circuit.
RTCX2
18[8]
O
Output from the RTC oscillator circuit.
VSS
15, 31,
41, 55,
72, 97,
83[9]
I
ground: 0 V reference.
VSSA
11[10]
I
analog ground: 0 V reference. This should nominally be the same voltage as
VSS, but should be isolated to minimize noise and error.
VDD(3V3)
28, 54,
71, 96[11]
I
3.3 V supply voltage: This is the power supply voltage for the I/O ports.
VDD(DCDC)(3V3)
13, 42,
84[12]
I
3.3 V DC-to-DC converter supply voltage: This is the supply voltage for the
on-chip DC-to-DC converter only.
Table 3.
Pin description …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com